Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3190ITP-1-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3190ITP-1-T1
Description  Positive/Negative Charge Pump for Voltage Bias
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3190ITP-1-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3190ITP-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT3190
Positive/Negative Charge Pump for Voltage Bias
8
3190.2005.03.1.0
Functional Block Diagram
Control
UVLO
Band
Gap
Ref.
-
+
-
+
Reference
Oscillator
Over-
Temperature
Protection
DRVP
DRVN
FBP
REF
FBN
GND
IN
EN
Functional Description
Dual Charge Pump Regulators
The AAT3190 provides low-power regulated output
voltages from two individual charge pumps. Using
a single stage, the first charge pump inverts the
supply voltage (V
IN) and provides a regulated neg-
ative output voltage. The second charge pump dou-
bles V
IN and provides a regulated positive output
voltage. These outputs use external Schottky
diodes and capacitor multiplier stages (as many as
required) to regulate up to ±25V. A constant switch-
ing frequency of 1MHz minimizes the output ripple
and capacitor size.
Negative Charge Pump
During the first half-cycle, the P-channel MOSFET
turns on and the flying capacitor C7 charges to V
IN
minus a diode drop (Figure 1). During the second
half-cycle, the P-channel MOSFET turns off and
the N-channel MOSFET turns on, level shifting C7.
This connects C7 in parallel with the output reser-
voir capacitor C10.
If the voltage across C10
minus a diode drop is less than the voltage across
C7, current flows from C7 to C10 until the diode
turns off.


Similar Part No. - AAT3190ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3190ITP-1-T1 AAT-AAT3190ITP-1-T1 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analogic Techn...
AAT3190ITP-1-T1 ANALOGICTECH-AAT3190ITP-1-T1 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
More results

Similar Description - AAT3190ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190_06 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
   Positive charge pump controller
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com