Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3190ITP-1-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3190ITP-1-T1
Description  Positive/Negative Charge Pump for Voltage Bias
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3190ITP-1-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3190ITP-1-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3190ITP-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
1
Thermal Information
Symbol
Description
Value
Units
Θ
JA
Thermal Resistance (MSOP-8)
2
150
°C/W
Θ
JA
Thermal Resistance (TSOPJW-12)
2
160
°C/W
P
D
Maximum Power Dissipation (MSOP-8) (T
A = 25°C)
2, 3
667
mW
P
D
Maximum Power Dissipation (TSOPJW-12) (T
A = 25°C)
2, 4
625
mW
Symbol
Description
Value
Units
V
IN
Input Voltage
-0.3 to 6
V
V
EN
EN to GND
-0.3 to 6
V
V
N_CH
DRVN to GND
-0.3V to (V
IN + 0.3V)
V
V
P_CH
DRVP to GND
-0.3V to (V
IN + 0.3V)
V
Other Inputs
REF, FBN, FBP to GND
-0.3V to (V
IN + 0.3V)
V
I
MAX
Continuous Current Into DRVN, DRVP
±200
mA
All Other Pins
±10
T
J
Operating Junction Temperature Range
-40 to 150
°C
T
LEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT3190
Positive/Negative Charge Pump for Voltage Bias
3190.2005.03.1.0
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at
conditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any
one time.
2. Mounted on an FR4 board.
3. Derate 6.7mW/°C above 25°C.
4. Derate 6.25mW/°C above 25°C.


Similar Part No. - AAT3190ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3190ITP-1-T1 AAT-AAT3190ITP-1-T1 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analogic Techn...
AAT3190ITP-1-T1 ANALOGICTECH-AAT3190ITP-1-T1 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
More results

Similar Description - AAT3190ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190_06 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
   Positive charge pump controller
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com