Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3122 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3122
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3122 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3122 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3122 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3122 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3122 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3122 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3122 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3122 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3122 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3122 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AAT3122
High Efficiency 1X/1.5X Fractional Charge
Pump for White LED Applications
2
3122.2004.08.1.2
Pin Descriptions
Pin Configuration
TSOPJW-12
1
2
3
4
5
6
12
11
10
9
8
7
C2+
OUT
C1-
C1+
D
D
C2-
GND
IN
EN/SET
D
D
Pin #
Symbol
Function
1
C2+
Flying Capacitor 2 + terminal. Connect a 1.0µF Capacitor between C2+ and C2-
2
OUT
Charge pump output. Requires 1.0 µF bypass capacitor to ground.
3
C1-
Flying Capacitor 1 - terminal
4
C1+
Flying Capacitor 1 + terminal. Connect a 1.0µF Capacitor between C1+ and C1-
5,6,7,8
D
Output current Source with drive capability of up to 120mA.
9
EN/SET
Input Control Pin. Serial data interface that controls the level of output current. See
application information for more details.
10
IN
Input power supply. Requires 1uF bypass capacitor to ground.
11
GND
Ground
12
C2-
Flying Capacitor 2 - terminal


Similar Part No. - AAT3122

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122ITP-T1 AAT-AAT3122ITP-T1 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122ITP-T1 ANALOGICTECH-AAT3122ITP-T1 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3122

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3134 ETC-AAT3134 Datasheet
330Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123_08 Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131_08 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com