Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80386EX Datasheet(PDF) 7 Page - Intel Corporation

Part # 80386EX
Description  Intel386 EX Embedded Microprocessor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80386EX Datasheet(HTML) 7 Page - Intel Corporation

Back Button 80386EX Datasheet HTML 3Page - Intel Corporation 80386EX Datasheet HTML 4Page - Intel Corporation 80386EX Datasheet HTML 5Page - Intel Corporation 80386EX Datasheet HTML 6Page - Intel Corporation 80386EX Datasheet HTML 7Page - Intel Corporation 80386EX Datasheet HTML 8Page - Intel Corporation 80386EX Datasheet HTML 9Page - Intel Corporation 80386EX Datasheet HTML 10Page - Intel Corporation 80386EX Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Intel386™ EX Embedded Microprocessor
Datasheet
7
1.0
Introduction
The Intel386™ EXTB embedded processor operates at 20 or 25 MHz at 3 Volts nominal. The
Intel386 EXTC embedded processor operates at 25 or 33 MHz at 5 Volts. In this datasheet,
“Intel386 EX processor” refers to both the Intel386 EXTB and EXTC processors.
The Intel386 EX embedded processor is a highly integrated, 32-bit, fully static processor optimized
for embedded control applications. With a 16-bit external data bus, a 26-bit external address bus,
and Intel’s System Management Mode (SMM), the Intel386 EX microprocessor brings the vast
software library of Intel386 architecture to embedded systems. It provides the performance benefits
of 32-bit programming with the cost savings associated with 16-bit hardware systems.
Figure 1. Intel386™ EX Embedded Processor Block Diagram
A2849-02
JTAG Unit
Clock and Power
Management Unit
DRAM Refresh
Control Unit
Watchdog Timer Unit
Bus Monitor
Asynchronous Serial I/O
2 channels
(16450 compatible)
Synchronous Serial I/O
1 channel, full duplex
Timer/counter Unit
3 channels
(82C54 compatible)
I/O Ports
Bus Interface
Unit
Intel386™ CX Core
Core Enhancements
- A20 Gate
- CPU Reset
- SMM
Chip-select
Unit
Interrupt Control Unit
DMA Controller
2 channels
(8237A compatible)
and Bus Arbiter Unit
INTR
Address
Data
Processor Core


Similar Part No. - 80386EX

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
80386DXRPQB16 MAXWELL-80386DXRPQB16 Datasheet
244Kb / 17P
   32-Bit Microprocessor
80386DXRPQB20 MAXWELL-80386DXRPQB20 Datasheet
244Kb / 17P
   32-Bit Microprocessor
80386DXRPQB25 MAXWELL-80386DXRPQB25 Datasheet
244Kb / 17P
   32-Bit Microprocessor
80386DXRPQE16 MAXWELL-80386DXRPQE16 Datasheet
244Kb / 17P
   32-Bit Microprocessor
More results

Similar Description - 80386EX

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
JA80386EXTC25 INTEL-JA80386EXTC25 Datasheet
591Kb / 56P
   Intel386??EX Embedded Microprocessor
INTEL386 INTEL-INTEL386 Datasheet
1Mb / 56P
   Intel386 EX Embedded Microprocessor
NG80386SXLP33 INTEL-NG80386SXLP33 Datasheet
1Mb / 102P
   Intel386 SX MICROPROCESSOR
logo
M/A-COM Technology Solu...
28945-BRF-001-A MA-COM-28945-BRF-001-A_15 Datasheet
111Kb / 2P
   Embedded Microprocessor
logo
Fujitsu Component Limit...
MB93423 FUJITSU-MB93423 Datasheet
659Kb / 55P
   VLIW Embedded Microprocessor
logo
STMicroelectronics
STPCCLIENT STMICROELECTRONICS-STPCCLIENT Datasheet
762Kb / 48P
   PC Compatible Embedded Microprocessor
February 8, 2000
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
logo
STMicroelectronics
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com