Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27H010-35PC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY27H010-35PC
Description  128K x 8 High-Speed CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27H010-35PC Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY27H010-35PC Datasheet HTML 1Page - Cypress Semiconductor CY27H010-35PC Datasheet HTML 2Page - Cypress Semiconductor CY27H010-35PC Datasheet HTML 3Page - Cypress Semiconductor CY27H010-35PC Datasheet HTML 4Page - Cypress Semiconductor CY27H010-35PC Datasheet HTML 5Page - Cypress Semiconductor CY27H010-35PC Datasheet HTML 6Page - Cypress Semiconductor CY27H010-35PC Datasheet HTML 7Page - Cypress Semiconductor CY27H010-35PC Datasheet HTML 8Page - Cypress Semiconductor CY27H010-35PC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY27H010
6
Typical DC and AC Characteristics
CLOCK PERIOD (ns)
NORMALIZED SUPPLY CURRENT
vs. CYCLE PERIOD
NORMALIZED ACCESS TIME
vs. AMBIENT TEMPERATURE
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
AMBIENT TEMPERATURE (
°C)
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
NORMALIZED ACCESS TIME
vs. SUPPLY VOLTAGE
120
100
60
40
20
0.0
1.0
2.0
3.0
4.0
0
80
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
VCC =5.0V
TA =25°C
–100
–80
–60
–40
–20
0.0
1.0
2.0
3.0
4.0
OUTPUT VOLTAGE (V)
OUTPUT SOURCE CURRENT vs.
OUTPUT VOLTAGE
0.0
5.0
SUPPLY VOLTAGE (V)
AMBIENT TEMPERATURE (
°C)
OUTPUT VOLTAGE (V)
H010–8
1.1
1.0
0.9
0.8
0.7
0.6
0.0
50
100
150
200
0.5
250
1.7
1.3
1.1
0.7
0.6
4
4.5
5
5.5
6
0.5
VCC =5.5V
TA =25°C
f= 10 MHz
TA =25°C
0.8
0.9
1.0
1.2
1.4
1.5
1.6
1.25
1.2
1.1
1.0
0.9
0.85
–100
–50
0
50
100
0.8
150
VCC =5.5V
f= 10 MHz
0.95
1.05
1.15
1.15
1.1
1.0
0.95
0.9
4
4.5
5
5.5
6
0.85
1.05
TA= 25
°C
1.2
1.25
1.4
1.3
1.2
1.1
1.0
0.9
–100
–50
0
50
100
0.8
150
VCC =4.5V


Similar Part No. - CY27H010-35PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25 CYPRESS-CY27H512-25 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25HC CYPRESS-CY27H512-25HC Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25JC CYPRESS-CY27H512-25JC Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25ZC CYPRESS-CY27H512-25ZC Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
More results

Similar Description - CY27H010-35PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com