Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16CTU04S Datasheet(PDF) 1 Page - International Rectifier

Part # 16CTU04S
Description  Ultrafast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16CTU04S Datasheet(HTML) 1 Page - International Rectifier

  16CTU04S Datasheet HTML 1Page - International Rectifier 16CTU04S Datasheet HTML 2Page - International Rectifier 16CTU04S Datasheet HTML 3Page - International Rectifier 16CTU04S Datasheet HTML 4Page - International Rectifier 16CTU04S Datasheet HTML 5Page - International Rectifier 16CTU04S Datasheet HTML 6Page - International Rectifier 16CTU04S Datasheet HTML 7Page - International Rectifier 16CTU04S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
16CTU04
16CTU04S
16CTU04-1
Bulletin PD-20752 rev. A 11/01
trr = 60ns
IF(AV) = 16Amp
VR = 400V
• Ultrafast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 175°C Operating Junction Temperature
Features
Description/ Applications
International Rectifier's FRED.. series are the state of the art Ultra fast recovery rectifiers specifically designed with
optimized performance of forward voltage drop and ultra fast recovery time.
The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as
free-wheeling diode in low voltage inverters and chopper motor drives.
Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
Absolute Maximum Ratings
Ultrafast Rectifier
VRRM
Peak Repetitive Peak Reverse Voltage
400
V
IF(AV)
Average Rectified Forward Current
Per Leg
8
A
Total Device, (Rated VR), TC = 155°C
Total Device
16
IFSM
Non Repetitive Peak Surge Current, TC = 25°C
100
IFRM
Peak Repetitive Forward Current
16
(Rated VR, Square wave, 20KHz), TC = 155°C
TJ, TSTG
Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units
16CTU04
TO-220AB
Case Styles
16CTU04S
D2PAK
16CTU04-1
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - 16CTU04S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04S IRF-16CTU04S Datasheet
290Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
16CTU04S VISHAY-16CTU04S Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 08-Sep-08
logo
Inchange Semiconductor ...
16CTU04S ISC-16CTU04S Datasheet
284Kb / 2P
   Ultrafast Rectifier
logo
International Rectifier
16CTU04SPBF IRF-16CTU04SPBF Datasheet
290Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
16CTU04SPBF VISHAY-16CTU04SPBF Datasheet
576Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
More results

Similar Description - 16CTU04S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com