Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT8Q512K32 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # UT8Q512K32
Description  16Megabit SRAM MCM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8Q512K32 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  UT8Q512K32 Datasheet HTML 1Page - Aeroflex Circuit Technology UT8Q512K32 Datasheet HTML 2Page - Aeroflex Circuit Technology UT8Q512K32 Datasheet HTML 3Page - Aeroflex Circuit Technology UT8Q512K32 Datasheet HTML 4Page - Aeroflex Circuit Technology UT8Q512K32 Datasheet HTML 5Page - Aeroflex Circuit Technology UT8Q512K32 Datasheet HTML 6Page - Aeroflex Circuit Technology UT8Q512K32 Datasheet HTML 7Page - Aeroflex Circuit Technology UT8Q512K32 Datasheet HTML 8Page - Aeroflex Circuit Technology UT8Q512K32 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ABSOLUTE MAXIMUM RATINGS1
(Referenced to V
SS)
Notes:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the device
at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability and performance.
2. Maximum junction temperature may be increased to +175
°C during burn-in and steady-static life.
3. Test per MIL-STD-883, Method 1012.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
VDD
DC supply voltage
-0.5 to 4.6V
V
I/O
Voltage on any pin
-0.5 to 4.6V
TSTG
Storage temperature
-65 to +150
°C
PD
Maximum power dissipation
1.0W (per byte)
T
J
Maximum junction temperature2
+150
°C
Θ
JC
Thermal resistance, junction-to-case
3
10
°C/W
II
DC input current
±10 mA
SYMBOL
PARAMETER
LIMITS
VDD
Positive supply voltage
3.0 to 3.6V
T
C
Case temperature range
-40 to +125
°C
VIN
DC input voltage
0V to VDD


Similar Part No. - UT8Q512K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT8Q512K32E-SPC AEROFLEX-UT8Q512K32E-SPC Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT8Q512K32E-SWC AEROFLEX-UT8Q512K32E-SWC Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
More results

Similar Description - UT8Q512K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
9Q512K32 AEROFLEX-9Q512K32 Datasheet
135Kb / 14P
   UT9Q512K32 16Megabit SRAM MCM
logo
Austin Semiconductor
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
logo
RFHIC
LCL2302-L RFHIC-LCL2302-L Datasheet
187Kb / 3P
   MCM LNA
LCL3212-L RFHIC-LCL3212-L Datasheet
187Kb / 3P
   MCM LNA
LCL1904-L RFHIC-LCL1904-L Datasheet
188Kb / 3P
   MCM LNA
logo
Maxwell Technologies
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
   16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
logo
RFHIC
LCL1903-L RFHIC-LCL1903-L Datasheet
187Kb / 3P
   MCM LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com