Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67000-A9480 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # Q67000-A9480
Description  Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67000-A9480 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button Q67000-A9480 Datasheet HTML 4Page - Infineon Technologies AG Q67000-A9480 Datasheet HTML 5Page - Infineon Technologies AG Q67000-A9480 Datasheet HTML 6Page - Infineon Technologies AG Q67000-A9480 Datasheet HTML 7Page - Infineon Technologies AG Q67000-A9480 Datasheet HTML 8Page - Infineon Technologies AG Q67000-A9480 Datasheet HTML 9Page - Infineon Technologies AG Q67000-A9480 Datasheet HTML 10Page - Infineon Technologies AG Q67000-A9480 Datasheet HTML 11Page - Infineon Technologies AG Q67000-A9480 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLE 4284
Target Data Sheet Rev. 0.2
8
2000-10-06
Characteristics 3.3 V Fixed Output Voltage Device TLE 4284 DV33
–40
°C< T
j <150 °C; VI =8.5 V, IQ = 10 mA; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Output voltage
V
Q
3.23
3.3
3.37
V
T
j =25 °C, IQ =10 mA
Output voltage
V
Q
3.20
3.3
3.40
V
10 mA
I
Q ≤ 800 mA;
8V
V
I ≤ 14 V
Output voltage
V
Q
3.3
V10 mA
I
Q ≤ 800 mA;
14 V
V
I ≤ 40 V
Line regulation
V
Q
310
mV
6.5 V
V
I ≤ 40 V
Load regulation
V
Q
10
50
mV
10 mA
I
Q ≤ 800 mA;
T
j =25 °C
Drop voltage
V
DR
2.10
V
I
Q = 100 mA
1)
1)
Drop voltage measured when the output voltage has dropped 100 mV from the nominal value obtained at
V
I =8.5 V.
Drop voltage
V
DR
2.15
V
I
Q = 500 mA
1)
Drop voltage
V
DR
2.20
V
I
Q = 800 mA
1)
Current consumption;
I
q = II IQ
I
q
1.1
2.0
mA
I
Q =10 mA
Temperature stability
––
3
mV
2)
2)
Guaranteed by design.
Minimum load current
I
Q
3.5
10
mA
V =40 V
Current limit
I
Qmax
1000 –
2200 mA
Current limit
I
Qmax
50
200
mA
V
I =40 V, Tj =25 °C
RMS Output Noise
––
3
ppm
ppm of
V
Q, Tj =25 °C
2)
10 Hz
f ≤ 10 kHz
Supply Voltage Ripple
Rejection
PSRR
65
dB
f
r =120 Hz, Vr =0.5 VSS
C
ADJ =0 µF
2)
Supply Voltage Ripple
Rejection
PSRR
65
80
dB
f
r =120 Hz, Vr =0.5 VSS
C
ADJ =10 µF
2)
Long Term Stability
V
Q
0.3
1
%
T
j = 125 °C, 1000 h
2)


Similar Part No. - Q67000-A9480

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-A940 SIEMENS-Q67000-A940 Datasheet
131Kb / 8P
   LED Driver for Light Spot Displays
logo
Infineon Technologies A...
Q67000-A9407 INFINEON-Q67000-A9407 Datasheet
210Kb / 18P
   5-V Low-Drop Voltage Regulator
Rev. 1.4 2001-10-18
More results

Similar Description - Q67000-A9480

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com