Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC94A29FAG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC94A29FAG
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A29FAG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC94A29FAG Datasheet HTML 6Page - Toshiba Semiconductor TC94A29FAG Datasheet HTML 7Page - Toshiba Semiconductor TC94A29FAG Datasheet HTML 8Page - Toshiba Semiconductor TC94A29FAG Datasheet HTML 9Page - Toshiba Semiconductor TC94A29FAG Datasheet HTML 10Page - Toshiba Semiconductor TC94A29FAG Datasheet HTML 11Page - Toshiba Semiconductor TC94A29FAG Datasheet HTML 12Page - Toshiba Semiconductor TC94A29FAG Datasheet HTML 13Page - Toshiba Semiconductor TC94A29FAG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TC94A29FAG/FB
2003-04-01
10
Pin
No.
Symbol
Pin Name
Function and Operation
Remarks
23
SLCO
DAC output pin for generating data slice level.
24
RFI
RF signal input pin. The value of Zin1 can be
selected using a CD command.
25
AVDD
Power supply pin for analog block. Normally,
VDD = 3.0 to 3.6 V. In CD standby mode, turn
this power supply off.
¾
26
VREF
Analog reference voltage pin. Normally, a
voltage of 1/2 AVDD is supplied
(when VDD = 3.3 V, VREF = 1.65 V).
¾
27
RFZI
RFRP zero-cross signal input pin
28
RFRP
RF ripple signal input pin
29
FEI
Focus error signal input pin
30
SBAD
Sunbeam addition signal input pin
31
TEI
Tracking error input pin. The pin is read when
tracking servo is turned on.
32
TEZI
Tracking error/zero-cross signal input pin
33
FOO
Focus equalizer output pin
34
TRO
CD processor control
input/output pin
Tracking equalizer output pin
AVDD
RFRP
FEI
SBAD
TEI
VREF
Zin1
DAC
AVDD
RFI
SLCO
AVDD
TEZI
1 k
W typ. 32 kW typ.
VREF
Zin2
AVDD
A VDD
to
AVSS
Rout3
AVDD
RFZI
1 k
W typ. 32 kW typ.
VREF
Zin2


Similar Part No. - TC94A29FAG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC94A23F TOSHIBA-TC94A23F Datasheet
219Kb / 20P
   Single-chip CD Processor with Built-in Controller
More results

Similar Description - TC94A29FAG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com