Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ04 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SZ04
Description  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ04 Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SZ04 Datasheet HTML 1Page - ON Semiconductor NL17SZ04 Datasheet HTML 2Page - ON Semiconductor NL17SZ04 Datasheet HTML 3Page - ON Semiconductor NL17SZ04 Datasheet HTML 4Page - ON Semiconductor NL17SZ04 Datasheet HTML 5Page - ON Semiconductor NL17SZ04 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL17SZ04
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 255C
−40
5C ≤ TA ≤ 855C
Symbol
Parameter
Condition
VCC
(V)
Min
Typ
Max
Min
Max
Unit
VIH
High−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
VIL
Low−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25 VCC
0.3 VCC
V
VOH
High−Level Output Voltage
V
V
IOH = −100 mA
1.65 to 5.5
VCC − 0.1
VCC
VCC − 0.1
V
VIN = VIL
IOH = −3 mA
1.65
1.29
1.52
1.29
IOH = −8 mA
2.3
1.9
2.1
1.9
IOH = −12 mA
2.7
2.2
2.4
2.2
IOH = −16 mA
3.0
2.4
2.7
2.4
IOH = −24 mA
3.0
2.3
2.5
2.3
IOH = −32 mA
4.5
3.8
4.0
3.8
VOL
Low−Level Output Voltage
V
V
IOL = 100 mA
1.65 to 5.5
0.0
0.1
0.1
V
VIN = VIH
IOH = 3 mA
1.65
0.08
0.24
0.24
IOL = 8 mA
2.3
0.20
0.3
0.3
IOL = 12 mA
2.7
0.22
0.4
0.4
IOL = 16 mA
3.0
0.28
0.4
0.4
IOL = 24 mA
3.0
0.38
0.55
0.55
IOL = 32 mA
4.5
0.42
0.55
0.55
IIN
Input Leakage Current
VIN = VCC or GND
0 to 5.5
$1.0
$10.0
mA
IOFF
Power Off Leakage
Current
VOUT = 5.5 V or
VIN = 5.5 V
0
1
10
mA
ICC
Quiescent Supply Current
VIN = VCC or GND
1.65 to 5.5
1
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns; CL = 50 pF; RL = 500 W
TA = 255C
−40
5C ≤ TA ≤ 855C
Symbol
Parameter
Condition
VCC (V)
Min
Typ
Max
Min
Max
Unit
tPLH
tPHL7
Propagation Delay
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
1.65
1.8
2.0
2.0
5.3
4.4
11.4
9.5
2.0
2.0
12.0
10.0
ns
RL = 1 MW, CL = 15 pF
2.5
$ 0.2
0.2
3.5
6.5
0.8
7.0
RL = 1 MW, CL = 15 pF
3.3
$ 0.3
0.8
2.1
4.5
0.5
4.7
RL = 500 W, CL = 50 pF
1.2
2.9
5.5
1.5
5.2
RL = 1 MW, CL = 15 pF
5.0
$ 0.5
0.5
1.8
3.9
0.5
4.1
RL = 500 W, CL = 50 pF
0.8
2.4
4.3
0.8
4.5
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u2.5
pF
CPD
Power Dissipation Capacitance (Note 6)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
9
11
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL17SZ04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ04 ONSEMI-NL17SZ04 Datasheet
75Kb / 6P
   Single Inverter
December, 2005 ??Rev. 7
NL17SZ04 ONSEMI-NL17SZ04 Datasheet
83Kb / 7P
   Single Inverter
November, 2015 ??Rev. 14
NL17SZ04 ONSEMI-NL17SZ04 Datasheet
188Kb / 13P
   Single Inverter
November, 2018 ??Rev. 15
NL17SZ04 ONSEMI-NL17SZ04 Datasheet
171Kb / 13P
   Single Inverter
May, 2022 - Rev. 18
NL17SZ04DBVT1G ONSEMI-NL17SZ04DBVT1G Datasheet
188Kb / 13P
   Single Inverter
November, 2018 ??Rev. 15
More results

Similar Description - NL17SZ04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
   Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com