Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931Z Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LM2931Z
Description  100mA Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM2931Z Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  LM2931Z Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2931Z Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2931Z Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2931Z Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2931Z Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2931Z Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2931Z Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2931Z Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
LM2931
PACKAGE DRAWING
SO-8(M)
Pin 1
1.27 (0.50)
BSC
3.8 (0.150)
4.0 (0.158)
4.6 (0.181)
5.2 (0.205)
5.8 (0.228)
6.2 (0.244)
4.8 (0.188)
5.0 (0.197)
0.49 (0.019)
0.56 (0.022)
0.35 (0.014)
0.45 (0.018)
0.10 (0.004)
0.20 (0.008)
0.19 (0.007)
0.22 (0.009)
1.35 (0.053)
1.75 (0.069)
0.61 (0.024)
0.78 (0.031)
3
°-6°
0.64 (0.025)
0.77 (0.030)
45
°
7
°(4 PLCS)
7
°(4 PLCS)
0.37 (0.015)
BSC


Similar Part No. - LM2931Z

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931Z-5 NSC-LM2931Z-5 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
LM2931Z-5.0 NSC-LM2931Z-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931Z-5.0 ONSEMI-LM2931Z-5.0 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
Motorola, Inc
LM2931Z-5.0 MOTOROLA-LM2931Z-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
ON Semiconductor
LM2931Z-5.0 ONSEMI-LM2931Z-5.0 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
More results

Similar Description - LM2931Z

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com