Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1923 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1923
Description  High Efficiency Thermoelectric Cooler Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1923 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1923 Datasheet HTML 4Page - Linear Technology LTC1923 Datasheet HTML 5Page - Linear Technology LTC1923 Datasheet HTML 6Page - Linear Technology LTC1923 Datasheet HTML 7Page - Linear Technology LTC1923 Datasheet HTML 8Page - Linear Technology LTC1923 Datasheet HTML 9Page - Linear Technology LTC1923 Datasheet HTML 10Page - Linear Technology LTC1923 Datasheet HTML 11Page - Linear Technology LTC1923 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1923
1923f
PI FU CTIO S
PLLLPF (Pin 1/Pin 30): This pin serves as the lowpass
filter for the phase-locked loop when the part is being
synchronized. The average voltage on this pin equally
alters both the oscillator charge and discharge currents,
thereby changing the frequency of operation. Bringing the
voltage on this pin above VDD – 0.4V signifies that the part
will be used as the synchronization master. This allows
multiple devices on the same board to be operated at the
same frequency. The SDSYNC pin will be pulled low during
each CT charging cycle to facilitate synchronization.
RSLEW (Pin 2/Pin 31): Placing a resistor from this pin to
AGND sets the voltage slew rate of the output driver pins.
The minimum resistor value is 10k and the maximum
value is 300k. Slew rate limiting can be disabled by tying
this pin to VDD, allowing the outputs to transition at their
maximum rate.
SDSYNC (Pin 3/Pin 32): This pin can be used to disable the
IC, synchronize the internal oscillator or be the master to
synchronize other devices. Grounding this pin will disable
all internal circuitry and cause NDRVA and NDRVB to be
forced low and PDRVA and PDRVB to be forced to VDD.
EAOUT will be forced low. FAULT will also be asserted low
indicating a fault condition. The pin can be pulled low for
up to 20
µs without triggering the shutdown circuitry. The
part can either be slaved to an external clock or can be used
as the master (see Applications Information for a more
detailed explanantion).
CNTRL (Pin 4/Pin 1): Noninverting Input to the Error
Amplifier.
EAOUT (Pin 5/Pin 2): Output of the Error Amplifier. The
loop compensation network is connected between this pin
and FB. The voltage on this pin is the input to the PWM
comparator and commands anywhere between 0% and
100% duty cycle to control the temperature of the tem-
perature sense element.
FB (Pin 6/Pin 3): The Inverting Input to the Error Amplifier.
This input is connected to EAOUT through a compensating
feedback network.
AGND (Pin 7/Pin 4): Signal Ground. All voltages are
measured with respect to AGND. Bypass VDD and VREF
with low ESR capacitors to the ground plane near this pin.
SS (Pin 8/Pin 6): The TEC current can be soft-started by
adding a capacitor from this pin to ground. This capacitor
will be charged by a 1.5
µAcurrentsource.Thispinconnects
to one of the inverting inputs of the current limit compara-
tor and allows the TEC current to be linearly ramped up from
zero. The voltage on this pin must be greater than 1.5V to
allow the open/shorted thermistor window comparitor to
signal a fault.
ILIM (Pin 9/Pin 7): A voltage divider from VREF to this pin
sets the current limit threshold for the TEC. If the voltage
on this pin is set higher than 1V, then ILIMIT = 150mV/RS
as that is the internal current limit comparator level. If the
voltage on this pin is set less than 1V, the current limit
value where the comparator trips is:
ILIMIT = [0.15 • RILIM1 • VREF]/[(RILIM1 + RILIM2) • RS]
VSET (Pin 10/Pin 8): This is the input for the setpoint
reference of the temperature sense element divider net-
work or bridge. This pin must be connected to the bias
source for the thermistor divider network.
FAULT (Pin 11/Pin 9): Open-drain output that indicates by
pulling low when the voltage on VTHRM is outside the
specified window, the part is in shutdown, undervoltage
lockout (UVLO), or the reference is not good. When the
voltage on VTHRM is outside the specified window, it
signifies that the thermistor impedance is out of its accept-
able range. This signal can be used to flag a microcontroller
to shut the system down or used to disconnect power from
the bridge. See Applications Information for using this
signal for redundant protection.
VTHRM (Pin 12/Pin 10): Voltage Across the Thermistor. If
the voltage on this pin is outside the range between 410mV
below VSET and 0.2 • VSET, the FAULT pin will be asserted
(and latched) low indicating that the thermistor tempera-
ture has moved outside the acceptable range.
H/C (Pin 13/Pin 11): This open-drain output provides the
direction information of the TEC current flow. If TEC+ is
greater than TEC , which typically corresponds to the
system cooling, this output will be a logic low. If the
opposite is the case, this pin will pull to a logic high.
(GN Package/UH Package)


Similar Part No. - LTC1923

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC1923 AD-LTC1923 Datasheet
1Mb / 30P
   Ultracompact 4A, 15V, Full Bridge Driver with SPI
logo
Linear Technology
LTC1923 LINER-LTC1923_15 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
More results

Similar Description - LTC1923

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1923 LINER-LTC1923_15 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
logo
Microsemi Corporation
LX1810 MICROSEMI-LX1810 Datasheet
133Kb / 6P
   ThermoElectric Cooler Drive Controller IC
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com