Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4805LQ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4805LQ
Description  3V, 1W Boosted Boomer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4805LQ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4805LQ Datasheet HTML 4Page - National Semiconductor (TI) LM4805LQ Datasheet HTML 5Page - National Semiconductor (TI) LM4805LQ Datasheet HTML 6Page - National Semiconductor (TI) LM4805LQ Datasheet HTML 7Page - National Semiconductor (TI) LM4805LQ Datasheet HTML 8Page - National Semiconductor (TI) LM4805LQ Datasheet HTML 9Page - National Semiconductor (TI) LM4805LQ Datasheet HTML 10Page - National Semiconductor (TI) LM4805LQ Datasheet HTML 11Page - National Semiconductor (TI) LM4805LQ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical Performance Characteristics (Continued)
Power Dissipation vs Output Power
V
DD = 3V, RL =16
Ω, f = 1kHz
Power Dissipation vs Output Power
V
DD = 4.2V, RL =8
Ω, f = 1kHz
20126229
20126230
Power Dissipation vs Output Power
V
DD = 4.2V, RL =16
Ω, f = 1kHz
Output Power vs Load Resistance
V
DD =3V
20126231
20126232
Output Power vs Load Resistance
V
DD = 4.2V
Output Power vs Supply Voltage
R
L =8
Ω, f = 1kHz
20126233
20126234
www.national.com
8


Similar Part No. - LM4805LQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4805 NSC-LM4805 Datasheet
1Mb / 19P
   Low Voltage High Power Audio Power Amplifier
LM4805_0508 NSC-LM4805_0508 Datasheet
1Mb / 19P
   Low Voltage High Power Audio Power Amplifier
More results

Similar Description - LM4805LQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
[Old version datasheet]   Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Linear Technology
LTC1340 LINER-LTC1340 Datasheet
240Kb / 8P
   Low Noise, Voltage-Boosted Varactor Driver
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
   Boosted Class D Audio Power Amplifier
logo
Linear Technology
LTC1340 LINER-LTC1340_15 Datasheet
241Kb / 8P
   Low Noise, Voltage-Boosted Varactor Driver
logo
Texas Instruments
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
[Old version datasheet]   Boosted Class D Audio Power Amplifier
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
LM4670SD TI1-LM4670SD Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer Audio Power Amplifier Series Filterless High
logo
National Semiconductor ...
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
logo
Eutech Microelectronics...
EUA2510 EUTECH-EUA2510 Datasheet
157Kb / 1P
   2.7W Boosted Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com