Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX017D6 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CMX017D6
Description  UHF FM/FSK Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMX017D6 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CMX017D6 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMX017D6 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMX017D6 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMX017D6 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMX017D6 Datasheet HTML 7Page - List of Unclassifed Manufacturers CMX017D6 Datasheet HTML 8Page - List of Unclassifed Manufacturers CMX017D6 Datasheet HTML 9Page - List of Unclassifed Manufacturers CMX017D6 Datasheet HTML 10Page - List of Unclassifed Manufacturers CMX017D6 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UHF FM/FSK Transmitter
7
CMX017 Advance Information
©1999 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480193.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
compensate for the signal frequency components within the loop bandwidth, introducing a frequency
dependant distortion of the modulated RF output signal.
To avoid the modulation distortion the carrier frequency is tuned by the external synthesizer chip, with no
modulating signal applied. The synthesizer control is then disabled, by setting the charge-pump output of the
synthesizer to tri-state. The DC coupled base-band signal, applied to the MODIN pin, then modulates the free
running VCO to generate the FM or FSK output signal.
5.1.3
A flat modulator response is required down to DC, whilst benefiting from the phase noise
improvements due to the PLL (Two-Point Modulation).
Unlike in the above two cases, where a fixed reference frequency is used in the PLL, the Two-Point
Modulation technique requires modulation inputs to both the PLL reference oscillator and to the RF VCO
circuits.
The modulation signal should be applied to both modulation inputs with suitable AC/DC levels and with the
correct phase to achieve cancellation of the loop’s feedback. This prevents the radio’s PLL circuitry from
counteracting the modulation process and so provides a clean flat modulation response down to DC.
5.2
Powersave and Zero-Power Modes
It is possible to power down each section of the transmitter independently. This feature may be useful when
the CMX017 is configured, with the CMX018, as a radio transceiver. It allows the transmitter to be powered
on and off, thereby saving power, during the sleep and standby periods.
In SLEEP mode (ENLMOD=’0’ and ENLPA=’0’) all sections of the device are powered down and the current
consumption is reduced to less than 10
µA. This is the zero-power mode.
In TRANSMIT-STANDBY mode (ENLMOD=’1’ and ENLPA=’0’) only the PA Driver and Power Amplifier
stages are powered down, while the Modulator and Buffered Oscillator remain active. This powersave mode
allows the external frequency synthesizer to stabilize the channel center frequency prior to the RF
transmission.
In TRANSMIT mode (ENLMOD=’1’ and ENLPA=’1’) both the Modulator and the Power Amplifier sections of
the device are fully operational.
Note: The device can be used as a stand alone “UHF Power Amplifier” by forcing (ENLMOD=’0’ and
ENLPA=’1’). The efficiency is maximized by connecting the VCC2 pin to 0V. (The VCC1 pin must remain
connected to 3.0V.)
5.3
Lower Output Power Applications
For very short range applications the antenna drive can be taken from the modulator output, MODOUT, at
pin 26. The Power Amplifier is powered down by connecting VCC3 and VCC4 (pins 1 and 12) to 0V. This
allows the supply current to be minimized and the Modulator output to be enabled or disabled using the
ENLPA input at pin 13.
5.4
Example Schematic and Layout
The following schematic (Figure 4) and printed circuit layout (Figure 5 and Figure 6) present a typical
application interface for the CMX017. To aid legibility, the schematic and layout are available electronically
from the MX-COM website http://www.mxcom.com.
Alternative components and component values are shown on the schematic. These should be selected
according to the intended application. The schematic uses the following ICs:
U2
IC Works
WB1315X
U4
Analog Devices
AD8532-SO8


Similar Part No. - CMX017D6

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
More results

Similar Description - CMX017D6

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
List of Unclassifed Man...
TH7107 ETC2-TH7107 Datasheet
392Kb / 14P
   FSK/FM/ASK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
logo
List of Unclassifed Man...
CMX018 ETC-CMX018 Datasheet
343Kb / 13P
   UHF FM/FSK Receiver
logo
CML Microcircuits
CMX018 CMLMICRO-CMX018 Datasheet
870Kb / 15P
   UHF FM/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com