Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS137B-PL-A Datasheet(PDF) 4 Page - Anachip Corp

Part # ATS137B-PL-A
Description  Single Hall Effect Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS137B-PL-A Datasheet(HTML) 4 Page - Anachip Corp

  ATS137B-PL-A Datasheet HTML 1Page - Anachip Corp ATS137B-PL-A Datasheet HTML 2Page - Anachip Corp ATS137B-PL-A Datasheet HTML 3Page - Anachip Corp ATS137B-PL-A Datasheet HTML 4Page - Anachip Corp ATS137B-PL-A Datasheet HTML 5Page - Anachip Corp ATS137B-PL-A Datasheet HTML 6Page - Anachip Corp ATS137B-PL-A Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Single Hall Effect Switch
ATS137
Anachip Corp.
www.anachip.com.tw
Rev. A5 Jul 14, 2004
4/7
ATC
Magnetic Characteristics (Ta=25oC)
(1mT=10Gauss)
A grade
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
-
-
100
Gauss
Release point
Brp
10
-
-
Gauss
Hysteresis
Bhys
-
80
-
Gauss
B grade
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
-
-
130
Gauss
Release point
Brp
10
-
-
Gauss
Hysteresis
Bhys
-
80
-
Gauss
Application Information
-Operating principle
ATS137 is a three pins Hall Effect switch IC which can turn magnetic flux variety to digital output signal. In
other words, it is an interface from magnetic system to electrical one by Hall effect. The illustrations are shown
in Fig.1.
Vo
Vce(sat)
Vcc
magnetic flux
(Gauss)
Turn on
Turn off
hys
B
op
B
rp
B
Magnet
electrical
S
Marking
side
Fig.1 Hall-effect switch
Output driver is open-collector topology and maximum sink current (Isink) is 25mA. The illustrated circuit is
shown as Fig.2.
ATS
137S
3.5V ~20V
Digital Output
Vcc
DO
Vss
Vo
L
R
sink
I
Fig.2 Application circuit


Similar Part No. - ATS137B-PL-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ATS137 DIODES-ATS137 Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
ATS137 DIODES-ATS137 Datasheet
202Kb / 12P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
ATS137-P DIODES-ATS137-P Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
ATS137-PG-7-A DIODES-ATS137-PG-7-A Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
ATS137-PG-7-B DIODES-ATS137-PG-7-B Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
More results

Similar Description - ATS137B-PL-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ATS137 DIODES-ATS137 Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
ATS137 DIODES-ATS137_10 Datasheet
202Kb / 12P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
logo
Anachip Corp
AH337 ANACHIP-AH337 Datasheet
255Kb / 8P
   Single Phase Hall Effect Switch
logo
Diodes Incorporated
AH337 DIODES-AH337 Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
logo
GTM CORPORATION
G6853 GTM-G6853 Datasheet
149Kb / 4P
   Single Output Hall Effect Switch IC
logo
Rohm
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
   Hall effect Switch
BU52014HFV ROHM-BU52014HFV Datasheet
197Kb / 6P
   Hall effect Switch
logo
Major-Power Technology ...
MA7015 MPOWER-MA7015 Datasheet
167Kb / 2P
   Hall Effect Switch
Rev.1.0
logo
Rohm
BU52015GUL ROHM-BU52015GUL Datasheet
192Kb / 5P
   Hall effect Switch
BU52003GUL ROHM-BU52003GUL Datasheet
189Kb / 6P
   Hall effect Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com