Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APC308XI-TR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # APC308XI-TR
Description  Rail to Rail Output CMOS Operating Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC308XI-TR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  APC308XI-TR Datasheet HTML 1Page - List of Unclassifed Manufacturers APC308XI-TR Datasheet HTML 2Page - List of Unclassifed Manufacturers APC308XI-TR Datasheet HTML 3Page - List of Unclassifed Manufacturers APC308XI-TR Datasheet HTML 4Page - List of Unclassifed Manufacturers APC308XI-TR Datasheet HTML 5Page - List of Unclassifed Manufacturers APC308XI-TR Datasheet HTML 6Page - List of Unclassifed Manufacturers APC308XI-TR Datasheet HTML 7Page - List of Unclassifed Manufacturers APC308XI-TR Datasheet HTML 8Page - List of Unclassifed Manufacturers APC308XI-TR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2001
APC308
www.anpec.com.tw
5
Output Current vs Output Swing
Output Swing vs Load Resistance
Output Swing vs Temperature
Typical Characteristics
0
1
2
3
4
5
6
-25
0
25
50
75
VDD=5V, RL=2kΩ
Temperature(°C)
0.1
1
10
100
1000
0
1
23
45
6
VDD=5V
Output Swing (V)
0
1
2
3
4
5
6
10
100
1k
10k
VDD=5V
Load Resistance (Ω)
0
1
2
3
4
5
6
7
8
0123456
7
Output Swing vs Supply Voltage
Supply Voltage (V)
RL=2kΩ


Similar Part No. - APC308XI-TR

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
APC30-100K-RC ALLIED-APC30-100K-RC Datasheet
738Kb / 1P
   Axial Power Chokes
APC30-100K-RC ALLIED-APC30-100K-RC Datasheet
744Kb / 1P
   Axial Power Chokes
APC30-100K-RC ALLIED-APC30-100K-RC Datasheet
742Kb / 1P
   Axial Power Chokes
APC30-101K-RC ALLIED-APC30-101K-RC Datasheet
738Kb / 1P
   Axial Power Chokes
More results

Similar Description - APC308XI-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APC207 ETC-APC207 Datasheet
151Kb / 12P
   Rail to Rail Output CMOS Single Operating Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com