Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS137-W-A Datasheet(PDF) 1 Page - Anachip Corp

Part # ATS137-W-A
Description  Single Hall Effect Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS137-W-A Datasheet(HTML) 1 Page - Anachip Corp

  ATS137-W-A Datasheet HTML 1Page - Anachip Corp ATS137-W-A Datasheet HTML 2Page - Anachip Corp ATS137-W-A Datasheet HTML 3Page - Anachip Corp ATS137-W-A Datasheet HTML 4Page - Anachip Corp ATS137-W-A Datasheet HTML 5Page - Anachip Corp ATS137-W-A Datasheet HTML 6Page - Anachip Corp ATS137-W-A Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Single Hall Effect Switch
ATS137
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.A5 Jul 14, 2004
1/7
ATC
Features
- 3.5V to 20V DC operation voltage
- Temperature compensation
- Wide operating voltage range
- Open-Collector pre-driver
- 25mA maximum sinking output current.
- Reverse Polarity Protection
Applications
- VCD/DVD loader, CD/DVD ROM
- Cover detector
- Speed measurement
- Home appliances
- Home safety
General Description
ATS137 is an switched Hall-Effect IC which is for
contactless switching applications. The device
includes an on-chip Hall voltage generator for
magnetic sensing, an amplifier that amplifies the
Hall voltage, a schmitt trigger to provide switching
hysteresis for noise rejection, and an open-collector
output. The bandgap regulator allows a wide
operating voltage range.
ATS137 is rated for operating temperature range
from -20
°C to 85°C and voltage range from 3.5V to
20V.
Ordering Information
ATS137 X
X X - X
Packing
Blank : Tube or Bulk
A : Tape & Reel
P: SIP3
W: SOT23
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Blank or
A~Z : if necessary
to specify
Single Hall-effect Switch
-X
Magnetic
Characteristics
A or B
Typical Circuit
ATS
137
3.5V ~20V
Digital Output
Vcc
DO
Vss
L
R


Similar Part No. - ATS137-W-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ATS137-W DIODES-ATS137-W Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
ATS137-WG-7-A DIODES-ATS137-WG-7-A Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
ATS137-WG-7-A DIODES-ATS137-WG-7-A Datasheet
202Kb / 12P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
ATS137-WG-7-B DIODES-ATS137-WG-7-B Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
ATS137-WG-A-A DIODES-ATS137-WG-A-A Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
More results

Similar Description - ATS137-W-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ATS137 DIODES-ATS137 Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
ATS137 DIODES-ATS137_10 Datasheet
202Kb / 12P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
logo
Anachip Corp
AH337 ANACHIP-AH337 Datasheet
255Kb / 8P
   Single Phase Hall Effect Switch
logo
Diodes Incorporated
AH337 DIODES-AH337 Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
logo
GTM CORPORATION
G6853 GTM-G6853 Datasheet
149Kb / 4P
   Single Output Hall Effect Switch IC
logo
Rohm
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
   Hall effect Switch
BU52014HFV ROHM-BU52014HFV Datasheet
197Kb / 6P
   Hall effect Switch
logo
Major-Power Technology ...
MA7015 MPOWER-MA7015 Datasheet
167Kb / 2P
   Hall Effect Switch
Rev.1.0
logo
Rohm
BU52015GUL ROHM-BU52015GUL Datasheet
192Kb / 5P
   Hall effect Switch
BU52003GUL ROHM-BU52003GUL Datasheet
189Kb / 6P
   Hall effect Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com