Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM9933KC-TU Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM9933KC-TU
Description  Dual P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9933KC-TU Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM9933KC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual P-Channel Enhancement Mode MOSFET
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Feb., 2003
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM9933
A P M 9933
H a n d ling C ode
Te m p . R a n g e
P a c k a g e C ode
P a ck ag e C o d e
K : S O P -8
O peratin g J u n c tion T e m p . R a ng e
C : -5 5 to 1 5 0 ° C
H a n d ling C ode
T U : T u b e
T R : T a p e & R e e l
A P M 993 3 K :
APM 9 9 3 3
XXXXX
XXXXX - D a te C o d e
Features
Applications
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
-20V/-3.5A , R
DS(ON)=45mΩ(typ.) @ VGS=-4.5V
-2.9A , R
DS(ON)=52mΩ(typ.) @ VGS=-3.0V
-2.6A , R
DS(ON)=60mΩ(typ.) @ VGS=-2.7V
••••• Super High Dense Cell Design for Extremely
Low R
DS(ON)
••••• Reliable and Rugged
••••• SOP-8 Package
Power Management in Notebook Computer ,
Portable Equipment and Battery Powered
Systems.
Symbol
Parameter
Rating
Unit
V
DSS
Drain-Source Voltage
-20
V
GSS
Gate-Source Voltage
±12
V
I
D
*
Maximum Drain Current – Continuous
-3.5
I
DM
Maximum Drain Current – Pulsed
-16
A
* Surface Mounted on FR4 Board, t
≤ 10 sec.
Ordering and Marking Information
Pin Description
P-Channel MOSFET
1
2
3
45
6
7
8
S1
G1
S2
G2
D 2
D2
D1
D1
G1
S1
D1
D1
G2
S2
D2
D2
SOP
− 8


Similar Part No. - APM9933KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9930 ANPEC-APM9930 Datasheet
196Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9930C ANPEC-APM9930C Datasheet
196Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9930CK ANPEC-APM9930CK Datasheet
196Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9930CKC-TR ANPEC-APM9930CKC-TR Datasheet
196Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9930KC-TR ANPEC-APM9930KC-TR Datasheet
196Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results

Similar Description - APM9933KC-TU

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com