Electronic Components Datasheet Search |
|
S29GL032A90TFIR20 Datasheet(PDF) 3 Page - SPANSION |
|
S29GL032A90TFIR20 Datasheet(HTML) 3 Page - SPANSION |
3 / 88 page This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice. Publication Number S29GLxxxA_00 Revision A Amendment 2 Issue Date January 28, 2005 ADVANCE INFORMATION S29GLxxxA MirrorBit™ Flash Family S29GL064A, S29GL032A 64 Megabit, 32 Megabit 3.0, Volt-only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology Data Sheet Distinctive Characteristics Architectural Advantages Single power supply operation — 3 volt read, erase, and program operations Manufactured on 200 nm MirrorBit process technology Secured Silicon Sector region — 128-word/256-byte sector for permanent, secure identification through an 8-word/16-byte random Electronic Serial Number, accessible through a command sequence — May be programmed and locked at the factory or by the customer Flexible sector architecture — 64Mb (uniform sector models): 128 32 Kword (64 KB) sectors — 64Mb (boot sector models): 127 32 Kword (64 KB) sectors + 8 4Kword (8KB) boot sectors — 32Mb (uniform sector models): 64 32Kword (64KB) sectors — 32Mb (boot sector models): 63 32Kword (64KB) sectors + 8 4Kword (8KB) boot sectors Compatibility with JEDEC standards — Provides pinout and software compatibility for single- power supply flash, and superior inadvertent write protection 100,000 erase cycles typical per sector 20-year data retention typical Performance Characteristics High performance — 90 ns access time — 4-word/8-byte page read buffer — 25 ns page read times — 16-word/32-byte write buffer which reduces overall programming time for multiple-word updates Low power consumption (typical values at 3.0 V, 5 MHz) — 18 mA typical active read current — 50 mA typical erase/program current — 1 µA typical standby mode current Package options —48-pin TSOP —56-pin TSOP — 64-ball Fortified BGA — 48-ball fine-pitch BGA Software & Hardware Features Software features — Program Suspend & Resume: read other sectors before programming operation is completed — Erase Suspend & Resume: read/program other sectors before an erase operation is completed — Data# polling & toggle bits provide status — CFI (Common Flash Interface) compliant: allows host system to identify and accommodate multiple flash devices — Unlock Bypass Program command reduces overall multiple-word programming time Hardware features — Sector Group Protection: hardware-level method of preventing write operations within a sector group — Temporary Sector Unprotect: VID-level method of charging code in locked sectors — WP#/ACC input accelerates programming time (when high voltage is applied) for greater throughput during system production. Protects first or last sector regardless of sector protection settings on uniform sector models — Hardware reset input (RESET#) resets device — Ready/Busy# output (RY/BY#) detects program or erase cycle completion |
Similar Part No. - S29GL032A90TFIR20 |
|
Similar Description - S29GL032A90TFIR20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |