Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27L01T-70 Datasheet(PDF) 3 Page - Winbond

Part # W27L01T-70
Description  128K X 8 ELECTRICALLY ERASABLE EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27L01T-70 Datasheet(HTML) 3 Page - Winbond

  W27L01T-70 Datasheet HTML 1Page - Winbond W27L01T-70 Datasheet HTML 2Page - Winbond W27L01T-70 Datasheet HTML 3Page - Winbond W27L01T-70 Datasheet HTML 4Page - Winbond W27L01T-70 Datasheet HTML 5Page - Winbond W27L01T-70 Datasheet HTML 6Page - Winbond W27L01T-70 Datasheet HTML 7Page - Winbond W27L01T-70 Datasheet HTML 8Page - Winbond W27L01T-70 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
W27L01
Publication Release Date: February 20, 2003
- 3 -
Revision A3
Two-line Output Control
Since EPROMs are often used in large memory arrays, the W27L01 provides two control inputs for
multiple memory connections. Two-line control provides for lowest possible memory power dissipation
and ensures that data bus contention will not occur.
System Considerations
EPROM power switching characteristics require careful device decoupling. System designers are
concerned with three supply current issues: standby current levels (ISB), active current levels (ICC), and
transient current peaks produced by the falling and rising edges of #CE. Transient current magnitudes
depend on the device output's capacitive and inductive loading. Two-line control and proper decoupling
capacitor selection will suppress transient voltage peaks. Each device should have a 0.1
µF ceramic
capacitor connected between its VDD and Vss. This high frequency, low inherent-inductance capacitor
should be placed as close as possible to the device. Additionally, for every eight devices, a 4.7
µF
electrolytic capacitor should be placed at the array's power supply connection between VDD and Vss.
The bulk capacitor will overcome voltage slumps caused by PC board trace inductances.
Table of Operating Modes
VDD = 3.3V
±10%, Vpp = VpE = VHH = 12V, VCP = VPE = 5V, X = VIH or VIL
PINS
MODE
#CE
#OE
#PGM
A0
A9
VDD
VPP
OUTPUTS
Read
VIL
VIL
X
X
X
VDD
VDD
DOUT
Output Disable
VIL
VIH
X
X
X
VDD
VDD
High Z
Standby (TTL)
VIH
X
X
X
X
VDD
VDD
High Z
Standby (CMOS)
VDD
±0.3V
X
X
X
X
VDD
VDD
High Z
Program
VIL
VIH
VIL
X
X
VCP
VPP
DIN
Program Verify
VIL
VIL
VIH
X
X
VCP
VPP
DOUT
Program Inhibit
VIH
X
X
X
X
VCP
VPP
High Z
Erase
VIL
VIH
VIL
VIL
VPE
VCP
VPE
FF (Hex)
Erase Verify
VIL
VIL
VIH
X
X
VPE
VPP
DOUT
Erase Inhibit
VIH
X
X
X
X
VCP
VPE
High Z
Product
Identifier-Manufacturer
VIL
VIL
X
VIL
VHH
VDD
VDD
DA (Hex)
Product Identifier-Device
VIL
VIL
X
VIH
VHH
VDD
VDD
01 (Hex)


Similar Part No. - W27L01T-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W27L010 WINBOND-W27L010 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-12 WINBOND-W27L010-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-90 WINBOND-W27L010-90 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010P-12 WINBOND-W27L010P-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010P-90 WINBOND-W27L010P-90 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27L01T-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27L010 WINBOND-W27L010 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
   32K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com