Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLWR7900 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLWR7900
Description  TELUX LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR7900 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLWR7900 Datasheet HTML 1Page - Vishay Siliconix TLWR7900 Datasheet HTML 2Page - Vishay Siliconix TLWR7900 Datasheet HTML 3Page - Vishay Siliconix TLWR7900 Datasheet HTML 4Page - Vishay Siliconix TLWR7900 Datasheet HTML 5Page - Vishay Siliconix TLWR7900 Datasheet HTML 6Page - Vishay Siliconix TLWR7900 Datasheet HTML 7Page - Vishay Siliconix TLWR7900 Datasheet HTML 8Page - Vishay Siliconix TLWR7900 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number 83144
Rev. 1.8, 14-Jan-05
TLWB / BG / O / R / TG / W / Y7900
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLWR7900 , TLWO7900 , TLWY7900
TLWTG7900 , TLWBG7900 , TLWB7900 , TLWW7900
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLWR7900
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
IR = 10 µAVR
10
V
DC Forward current
Tamb ≤ 85 °C
IF
70
mA
Surge forward current
tp ≤ 10 µsIFSM
1A
Power dissipation
Tamb ≤ 85 °C
PV
187
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 110
°C
Storage temperature range
Tstg
- 55 to + 110
°C
Soldering temperature
t
≤ 5 s, 1.5 mm from body
preheat temperature
100 °C/ 30 sec.
Tsd
260
°C
Thermal resistance junction/
ambient
with cathode heatsink
of 70 mm2
RthJA
200
K/W
Thermal resistance junction/pin
RthJP
90
K/W
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
IR = 10 µAVR
5V
DC Forward current
Tamb ≤ 50 °C
IF
50
mA
Surge forward current
tp ≤ 10 µsIFSM
0.1
A
Power dissipation
Tamb ≤ 50 °C
PV
230
mW
PV
230
mW
PV
230
mW
PV
255
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s, 1.5 mm from body
preheat temperature
100 °C/ 30 sec.
Tsd
260
°C
Thermal resistance junction/
ambient
with cathode heatsink
of 70 mm2
RthJA
200
K/W
Thermal resistance junction/pin
RthJP
90
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Total flux
IF = 70 mA, RthJA = 200 °K/W
φ
V
1500
2100
3000
mlm
Luminous intensity/Total flux
IF = 70 mA, RthJA = 200 °K/W
IVV
0.7
mcd/mlm
Dominant wavelength
IF = 70 mA, RthJA = 200 °K/W
λ
d
611
618
634
nm
Peak wavelength
IF = 70 mA, RthJA = 200 °K/W
λ
p
624
nm
Angle of half intensity
IF = 70 mA, RthJA = 200 °K/W
ϕ
± 45
deg
Total included angle
90 % of Total Flux Captured
ϕ
100
deg
Forward voltage
IF = 70 mA, RthJA = 200 °K/W
VF
1.83
2.2
2.67
V


Similar Part No. - TLWR7900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR7900 VISHAY-TLWR7900 Datasheet
2Mb / 4P
   LEDs for Automotive and Outdoor Applications
TLWR7900 VISHAY-TLWR7900 Datasheet
304Kb / 9P
   TELUX LED
01-Jan-2022
TLWR7900 VISHAY-TLWR7900 Datasheet
303Kb / 9P
   TELUX LED
01-Jan-2023
TLWR7900 VISHAY-TLWR7900_V01 Datasheet
304Kb / 9P
   TELUX LED
01-Jan-2022
More results

Similar Description - TLWR7900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
   TELUX LED
Rev. A2, 22-Apr-03
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
   TELUX LED
Rev. 2.2, 15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
   TELUX LED
Rev. 1.3, 15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
   TELUX LED
Rev. 1.5, 14-Jun-12
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
   TELUX LED
Rev. 1.4, 14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
   TELUX LED
01-Jan-2022
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
   TELUX LED
01-Jan-2023
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
   TELUX LED
Rev. 1.5, 15-Dec-10
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
   TELUX LED
13-Jun-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com