Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK68HC24 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TK68HC24
Description  Port Replacement Unit (PRU)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TK68HC24 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TK68HC24 Datasheet HTML 6Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 7Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 8Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 9Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 10Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 11Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 12Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 13Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Tekmos
TK68HC24 PRU
10
www.Tekmos.com
8/21/99
interrupt), and deassert the READY line (STRB).
Deassertion of the READY line would automatically
inhibit the external device from strobing new data
into Port C. Reading the PORTCL latch register,
after reading PIOC with STAF set, clears the STAF
flag. Whenever PORTCL is read, the READY
(STRB) line is asserted indicating that new data
may now be strobed in to Port C.
The STRB line can be configured (with the PLS
control bit) to be a pulse output (pulse mode) or a
static output (interlocked mode). The only
difference between the pulse and interlock modes is
that in pulse mode, the READY line pulses (asserts)
for only two E-clock periods after the latched data
becomes available. While in interlock mode, the
asserted state of the READY line lasts until new
data is strobed into Port C via the STRA input line.
The Port C DDR bits should be cleared (input) for
each bit that is to be used as a latched input bit. It
is, however, possible to use some Port C bits as
latched inputs with the input handshake protocol
and at the same time use other Port C bits as static
inputs and still other Port C bits as static output bits.
The input handshake protocol has no effect on the
use of Port C bits as static inputs or static outputs.
Reads of the PORTC register always return the
static logic level at the Port C pins (for lines
configured as input) or at the inputs to the pin
drivers (for lines configured as outputs). Data
latched into PORTCL always reflects the level at
the Port C pins. Writes to either the PORTC
address or the PORTCL address will write
information to the Port C output register without
affecting the input handshake strobes.
NOTE:
After programming PIOC to enter the input
handshake mode, STRB will remain in the inactive
state. The precaution has been taken to ensure
that the external system will not strobe data into
PORTCL before all initialization is complete. When
ready to accept data, the MPU/MCU should perform
a dummy read of the PORTCL address. This
operation will assert STRB initiating the input
handshake protocol.
Output Handshake Protocol
In the output handshake scheme, Port C is an
output port, STRB is a READY output, and STRA is
an edge-sensitive acknowledge input signal
indicating that Port C output data has been
accepted by the external device. In a variation of
this output handshake operation, STRA is used as
an output enable input as well as an edge-sensitive
acknowledge input.
In a typical system, the controlling processor writes
to the TK68HC24, placing data in the Port C output
latch. Stable data on the Port C pins is indicated by
the automatic assertion of the TK68HC24 READY
(STRB) line. The external device then processes
the available data and pulses the STRA input to
indicate the new data may be placed on the Port C
output lines. The active edge on STRA causes the
READY (STRB) line to be automatically deasserted
and the STAF status flag to be set (optionally
causing an interrupt). In response to STAF being
set, the program puts out new data on Port C as
required.
There are two addresses associated with the Port C
data register, the normal PORTC data address and
a second address (PORTCL) that accesses the
input latch on reads and the normal port on writes.
On writes to the second address (PORTCL), the
data goes to the same port output register as it
would on a write to the PORTC address but the
STAF flag bit is cleared (provided PIOC was first
read with the STAF bit set). This allows an
automatic clearing mechanism in output handshake
modes to co-exist with normal Port C outputs.
All eight bits in Port C must be used as outputs
while the output handshake protocol is selected.
That is, part of Port C may not be used for static or
latched inputs while the remaining bits are being
used for output handshake. The following
paragraphs cover this limitation in more detail.
Output Handshake Protocol, Three-State
Variation
There is a variation to the output handshake
protocol that allows three-state operation of Port C.
It is possible to directly interconnect this 8-bit
parallel port to other 8-bit three-state devices with
no additional external parts.
The STRA signal is used as an
acknowledge/enable input whose sense is
controlled by the EGA bit in the PIOC register. The
EGA bit specifies the transition from the asserted to
the deasserted state of the STRA Input signal. If
EGA is zero, the asserted state is high and falling
edges are interpreted as acknowledge signals. If
EGA is one, the asserted state is low and rising
edges are interpreted as acknowledge signals.
As long as the STRA input pin is negated, all Port C
bits obey the data direction specified by DDRC.
Bits which are configured as inputs (DDR bit equals
zero) will be high impedance. When the STRA


Similar Part No. - TK68HC24

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK60 GREATECS-TK60 Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
logo
ATMEL Corporation
TK600-RC014T-42 ATMEL-TK600-RC014T-42 Datasheet
472Kb / 2P
   J3 and J4 mates up to the socket card while J1 and J2 goes down to the mother board
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
More results

Similar Description - TK68HC24

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC24 MOTOROLA-MC68HC24 Datasheet
2Mb / 20P
   Port Replacement Unit (PRU)
logo
NXP Semiconductors
MC68HC33TS NXP-MC68HC33TS Datasheet
2Mb / 24P
   Port-Replacement Unit
logo
Motorola, Inc
MC68HC33 MOTOROLA-MC68HC33 Datasheet
2Mb / 24P
   Port-Replacement Unit
logo
PHOENIX CONTACT
2701289 PHOENIX-2701289 Datasheet
42Kb / 2P
   Replacement cover for slot 1 in base unit.
logo
Molex Electronics Ltd.
130112-0185 MOLEX11-130112-0185 Datasheet
31Kb / 1P
   Replacement Cordset 1083-3 Field Replacement
logo
PHOENIX CONTACT
1205956 PHOENIX-1205956 Datasheet
47Kb / 2P
   Replacement die
logo
Pasternack Enterprises,...
PE7301-2000CART PASTERNACK-PE7301-2000CART Datasheet
180Kb / 1P
   Replacement Cartridge
logo
List of Unclassifed Man...
RBC2 ETC2-RBC2 Datasheet
57Kb / 1P
   Replacement Batteries
logo
Mallory performance clu...
79SERIES MALLORY-79SERIES Datasheet
59Kb / 2P
   REPLACEMENT DISTRIBUTOR
logo
Pasternack Enterprises,...
PE7301-200CART PASTERNACK-PE7301-200CART Datasheet
180Kb / 1P
   Replacement Cartridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com