Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK68HC24 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TK68HC24
Description  Port Replacement Unit (PRU)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TK68HC24 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TK68HC24 Datasheet HTML 3Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 4Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 5Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 6Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 7Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 8Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 9Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 10Page - List of Unclassifed Manufacturers TK68HC24 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Tekmos
TK68HC24 PRU
7
www.Tekmos.com
8/21/99
strobe B output line is logic zero. This bit is
set to one by RESET so that the STRB
output will initially be in the low state out of
reset. For a more detailed description of
the handshake protocols, see the I/O
PORTS section.
PORT C DATA REGISTER (PORTC)
Reset value = 00000000
Port C (PORTC) is a general purpose input/output
Port Complemented by full handshake capability.
For bits that are configured as inputs, reads of this
address return the level sensed at the pin. For bits
configured as outputs, reads return the level sensed
at the input to the pin driver. When a Port C pin is
being used for the three-state variation of parallel
output handshake, reads return the level sensed at
the input to the pin driver even if the DDR bits
suggest that the pin is configured as an input.
Writes to Port C cause the value to be latched in
the 8-bit Port C data register. (Note that this is not
the same register as the PORTCL latch register
described later.) When the corresponding DDRC bit
is set, the value in the Port C data register is driven
out of the Port C pin. This data latch allows the
programmer to initialize the data prior to turning on
the output drivers by setting bits in the DDRC. The
PORTC register is cleared by RESET.
The Port C bits are labeled as PC7 – PC0.
PORT B DATA REGISTER (PORTB)
Reset value = 00000000
Port B (PORTB) is a general purpose output-only
port. Reads of this address return the level sensed
at the input to the pin driver. Writes to Port B cause
the value to be latched in the 8-bit Port B data
register. The PORTB register is set to zero by
RESET.
The Port B bits are labeled as PB7 – PB0.
PORT C LATCHED DATA REGISTER (PORTCL)
Reset value = XXXXXXXX (not reset)
The Port C latch register (PORTCL) allows
alternate access to Port C information. This
register is used in conjunction with the strobed
parallel I/O modes. Input data is latched into the
PORTCL register on each selected edge on the
STRA pin. The latched data is the level at the pins
regardless of the operating mode selected. Reads
of PORTCL return the contents of the Port C input
latch. Reads also act as part of an automatic flag
clearing sequence in the input handshake modes of
Port C.
Writes to the PORTCL register are equivalent to
writes to the PORTC register except the PORTCL
writes are used as part of an automatic flag clearing
sequence in the output handshake modes of Port
C. For more information on the Port C strobed and
handshake modes, see I/O PORTS. The contents
of PORTCL are not affected by RESET.
The Port CL bits are labeled as PCL7 – PCL0.
DATA DIRECTION REGISTER C (DDRC)
Reset value = 00000000
The data direction register C (DDRC) is a read/write
register used in conjunction with Port C to specify
the direction of data flow at each of the Port C pins.
A Port C pin is an input if the corresponding bit in
DDRC is zero. The pin is an output if the
corresponding bit in DDRC is set to one. During
reset, all bits in the DDRC are cleared to zero. The
effects of DDRC are overridden in the three-state
variation of the output handshake mode. For
additional information, see I/O PORT OPERATION,
Output Handshake Protocol, Three-State
Variation.
The port bits are labeled as DDRC7 – DDRC0.
HIGHEST PRIORITY INTERRUPT REGISTER
(HPRIO)
Reset value = 0*0*0000
Note that the reset condition of SMOD and IRV
depends on initialization mode.
SMOD – Bit 6, Read / Write once
The SMOD (Special Test Mode) bit is a
read only bit which reflects the operating
mode of the peripheral as selected by the
MODE input. The inverted state of MODE
is latched in SMOD by the rising edge of
RESET. When SMOD equals zero (MODE
equals one), the peripheral is operating in
normal mode. When SMOD equals one
(MODE equals zero), the special test mode
is selected.
The special test mode may be exited under
software control by writing SMOD from a
one to a zero. However, the special test


Similar Part No. - TK68HC24

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK60 GREATECS-TK60 Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
logo
ATMEL Corporation
TK600-RC014T-42 ATMEL-TK600-RC014T-42 Datasheet
472Kb / 2P
   J3 and J4 mates up to the socket card while J1 and J2 goes down to the mother board
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
More results

Similar Description - TK68HC24

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC24 MOTOROLA-MC68HC24 Datasheet
2Mb / 20P
   Port Replacement Unit (PRU)
logo
NXP Semiconductors
MC68HC33TS NXP-MC68HC33TS Datasheet
2Mb / 24P
   Port-Replacement Unit
logo
Motorola, Inc
MC68HC33 MOTOROLA-MC68HC33 Datasheet
2Mb / 24P
   Port-Replacement Unit
logo
PHOENIX CONTACT
2701289 PHOENIX-2701289 Datasheet
42Kb / 2P
   Replacement cover for slot 1 in base unit.
logo
Molex Electronics Ltd.
130112-0185 MOLEX11-130112-0185 Datasheet
31Kb / 1P
   Replacement Cordset 1083-3 Field Replacement
logo
PHOENIX CONTACT
1205956 PHOENIX-1205956 Datasheet
47Kb / 2P
   Replacement die
logo
Pasternack Enterprises,...
PE7301-2000CART PASTERNACK-PE7301-2000CART Datasheet
180Kb / 1P
   Replacement Cartridge
logo
List of Unclassifed Man...
RBC2 ETC2-RBC2 Datasheet
57Kb / 1P
   Replacement Batteries
logo
Mallory performance clu...
79SERIES MALLORY-79SERIES Datasheet
59Kb / 2P
   REPLACEMENT DISTRIBUTOR
logo
Pasternack Enterprises,...
PE7301-200CART PASTERNACK-PE7301-200CART Datasheet
180Kb / 1P
   Replacement Cartridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com