Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC77-3.3MCTTR Datasheet(PDF) 6 Page - Microchip Technology

Part # TC77-3.3MCTTR
Description  Thermal Sensor with SPI Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77-3.3MCTTR Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC77-3.3MCTTR Datasheet HTML 2Page - Microchip Technology TC77-3.3MCTTR Datasheet HTML 3Page - Microchip Technology TC77-3.3MCTTR Datasheet HTML 4Page - Microchip Technology TC77-3.3MCTTR Datasheet HTML 5Page - Microchip Technology TC77-3.3MCTTR Datasheet HTML 6Page - Microchip Technology TC77-3.3MCTTR Datasheet HTML 7Page - Microchip Technology TC77-3.3MCTTR Datasheet HTML 8Page - Microchip Technology TC77-3.3MCTTR Datasheet HTML 9Page - Microchip Technology TC77-3.3MCTTR Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC77
DS20092A-page 6
 2002 Microchip Technology Inc.
FIGURE 2-7:
Temperature Accuracy vs.
Supply Voltage (TC77-5.0MXX).
FIGURE 2-8:
Histogram of Temperature
Accuracy at -55 Degrees C (TC77-XXMXX).
FIGURE 2-9:
Histogram of Temperature
Accuracy at -40 Degrees C (TC77-XXMXX).
FIGURE 2-10:
Histogram of Temperature
Accuracy at +25 Degrees C (TC77-XXMXX).
FIGURE 2-11:
Histogram of Temperature
Accuracy at +65 Degrees C (TC77-XXMXX).
FIGURE 2-12:
Histogram of Temperature
Accuracy at +85 Degrees C (TC77-XXMXX).
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
4.5 4.6 4.7 4.8 4.9
5
5.1 5.2 5.3 5.4 5.5
Supply Voltage (V)
TC77-5.0MXX
TA = -25°C
TA = +25°C
TA = +85°C
0
5
10
15
20
25
30
35
-3 -2.5 -2 -1.5 -1 -0.5 0 0.5
1 1.5 2 2.5 3
Temperature Error (°C)
Sample Size = 108
TA = -55°C
0
5
10
15
20
25
30
35
40
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Temperature Error (°C)
Sample Size = 108
TA = -40°C
0
5
10
15
20
25
30
35
40
45
50
-1
-0.75 -0.5 -0.25
0
0.25
0.5
0.75
1
Temperature Error (°C)
Sample Size = 108
TA = +25°C
0
5
10
15
20
25
30
35
40
45
50
-1
-0.75 -0.5 -0.25
0
0.25
0.5
0.75
1
Temperature Error (°C)
Sample Size = 108
TA = +65°C
0
10
20
30
40
50
60
70
80
90
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Temperature Error (°C)
Sample Size = 108
TA = +85°C


Similar Part No. - TC77-3.3MCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC77-3.3MCTTR MICROCHIP-TC77-3.3MCTTR Datasheet
291Kb / 22P
   Thermal Sensor with SPI Interface
08/01/02
More results

Similar Description - TC77-3.3MCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC77-50MOATR MICROCHIP-TC77-50MOATR Datasheet
291Kb / 22P
   Thermal Sensor with SPI Interface
08/01/02
TC77 MICROCHIP-TC77_13 Datasheet
307Kb / 22P
   Thermal Sensor with SPI Interface
10/26/12 2002-2012
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Linear Dimensions Semic...
LND3045 LINEAR_DIMENSIONS-LND3045 Datasheet
68Kb / 1P
   Analog Sensor Interface Chip- SAR ADC with SPI
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com