Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC114TT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTC114TT
Description  PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114TT Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTC114TT Datasheet HTML 1Page - NXP Semiconductors PDTC114TT Datasheet HTML 2Page - NXP Semiconductors PDTC114TT Datasheet HTML 3Page - NXP Semiconductors PDTC114TT Datasheet HTML 4Page - NXP Semiconductors PDTC114TT Datasheet HTML 5Page - NXP Semiconductors PDTC114TT Datasheet HTML 6Page - NXP Semiconductors PDTC114TT Datasheet HTML 7Page - NXP Semiconductors PDTC114TT Datasheet HTML 8Page - NXP Semiconductors PDTC114TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2004 Aug 02
3
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = open
PDTA114T series
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PDTA114TS
1
base
2
collector
3
emitter
PDTA114TE
1
base
PDTA114TEF
2
emitter
PDTA114TK
3
collector
PDTA114TT
PDTA114TU
PDTA114TM
1
base
2
emitter
3
collector
handbook, halfpage
MAM352
1
2
3
2
3
1
R1
handbook, halfpage
MDB272
Top view
1
2
3
1
2
3
R1
MDB268
handbook, halfpage
2
1
3
Bottom view
1
2
3
R1


Similar Part No. - PDTC114TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114TT PHILIPS-PDTC114TT Datasheet
46Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC114TT PHILIPS-PDTC114TT Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTC114TT NXP-PDTC114TT Datasheet
88Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
logo
Nexperia B.V. All right...
PDTC114TT NEXPERIA-PDTC114TT Datasheet
587Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDTC114TT NEXPERIA-PDTC114TT Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
More results

Similar Description - PDTC114TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
   PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
PDTA143T PHILIPS-PDTA143T Datasheet
89Kb / 14P
   PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
PEMD3 PHILIPS-PEMD3 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Nov 07
PDTA114Y PHILIPS-PDTA114Y Datasheet
92Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = 47 kOHM
2004 Aug 02
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PUMB14 PHILIPS-PUMB14 Datasheet
58Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open
Rev. 01-17 February 2005
PEMD6 PHILIPS-PEMD6 Datasheet
55Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Nov 07
PEMH11 PHILIPS-PEMH11 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Oct 22
PEMB4 PHILIPS-PEMB4 Datasheet
44Kb / 8P
   PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
2001 Sep 14
PDTC143T PHILIPS-PDTC143T Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com