Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX16K684K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CX16K684K
Description  Subminiature, Leaded Solid Tantalum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CX16K684K Datasheet(HTML) 3 Page - Vishay Siliconix

  CX16K684K Datasheet HTML 1Page - Vishay Siliconix CX16K684K Datasheet HTML 2Page - Vishay Siliconix CX16K684K Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
59
CX16
Vishay Sprague
Document Number: 43018
Revision 17-Apr-02
For technical questions, contact tantalum@vishay.com
20 WVDC @ + 85
°C
0.10
6
0.5
B
CX16J104-*
0.15
6
0.5
B
CX16J154-*
0.22
6
0.5
B
CX16J224-*
16
0.5
C
CX16J105-*
3.3
6
1
D
CX16J335-*
4.7
6
1
D
CX16J475-*
10
6
2
E
CX16J106-*
15
6
3
F
CX16J156-*
47
8
9
G
CX16J476-*
25 WVDC @ + 85
°C
0.68
6
0.5
C
CX16K684-*
2.2
6
1
D
CX16K225-*
6.8
6
2
E
CX16K685-*
10
6
3
F
CX16K106-*
33
6
9
G
CX16K336-*
35 WVDC @ + 85
°C
0.10
6
0.5
C
CX16M104-*
0.15
6
0.5
C
CX16M154-*
0.22
6
0.5
C
CX16M224-*
0.33
6
0.5
C
CX16M334-*
0.47
6
0.5
C
CX16M474-*
0.68
6
1
D
CX16M684-*
16
1D
CX16M105-*
1.5
6
1
D
CX16M155-*
2.2
6
2
E
CX16M225-*
3.3
6
2
E
CX16M335-*
4.7
6
2
E
CX16M475-*
6.8
6
3
F
CX16M685-*
10
6
9
G
CX16M106-*
15
6
9
G
CX16M156-*
22
6
9
G
CX16M226-*
STANDARD RATINGS
CAPACITANCE
MAX
MAX. DCL
CASE
PART NUMBER
(
µF)
DF (%)
@ + 25
°C (µA)
CODE
*Add suffix to indicate capacitance tolerance K = ± 10% or M = ± 20%
Subminiature, Leaded Solid Tantalum Capacitors


Similar Part No. - CX16K684K

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX16 EUROQUARTZ-CX16 Datasheet
126Kb / 1P
   Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
logo
STATEK CORPORATION
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
logo
IQD Frequency Products ...
CX16-AT IQD-CX16-AT Datasheet
112Kb / 2P
   Quartz Crystal Specification
logo
Kyocera Kinseki Corpota...
CX1612DB KSS-CX1612DB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX1612DB36000B0GEJ KSS-CX1612DB36000B0GEJ Datasheet
66Kb / 1P
   Crystal units surface mount type
More results

Similar Description - CX16K684K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
STC VISHAY-STC Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com