Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPL1117V Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HPL1117V
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HPL1117V Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HPL1117V Datasheet HTML 6Page - List of Unclassifed Manufacturers HPL1117V Datasheet HTML 7Page - List of Unclassifed Manufacturers HPL1117V Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL1117V Datasheet HTML 9Page - List of Unclassifed Manufacturers HPL1117V Datasheet HTML 10Page - List of Unclassifed Manufacturers HPL1117V Datasheet HTML 11Page - List of Unclassifed Manufacturers HPL1117V Datasheet HTML 12Page - List of Unclassifed Manufacturers HPL1117V Datasheet HTML 13Page - List of Unclassifed Manufacturers HPL1117V Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Rev. B.13 - Mar., 2004
HPL1117
10
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
The HPL1117 requires an output capacitor to maintain
stability and improve transient response. Proper ca-
pacitor selection is important to ensure proper
operation. The HPL1117 output capacitor selection is
dependent upon the ESR (equivalent series resistance)
of the output capacitor to maintain stability. When the
output capacitor is 10uF or greater, the output capaci-
tor should have an ESR less than 1
Ω.This will improve
transient response as well as promote stability. A low-
ESR solid tantalum capacitor works extremely well
and provides good transient response and stability over
temperature.
V
IN
HPL1117
OUT
IN
ADJ
R1
R2
Rp
PARASITIC
LINE RESISTANCE
CONNECT
R1 TO CASE
CONNECT
R2 TO LOAD
RL
Output Voltage
V
IN
HPL1117
OUT
IN
ADJ
VREF
R1
R2
V
OUT
IADJ
60
µA
Application Information
Input Capacitor
Output Capacitor
The HPL1117 develops a 1.25V reference voltage be-
tween the output and the adjust terminal. By placing
a resistor between these two terminals, a constant
Current is caused to flow through R1 and down through
R2 to set the overall output voltage. Normally this
current is chosen to be the specified minimum load
current of 10mA. For fixed voltage devices R1 and R2
are included in the device.
Load Regulation
When the adjustable regulator is used. Load regula-
tion will be limited by the resistance of the wire con-
necting the regulator to the load. The data sheet speci-
fication for load regulation is measured at the output
pin of the device. Best load regulation is obtained
when the top of the resistor divider (R1) is tied di-
rectly to the output pin of the device, not to the load.
For fixed voltage devices the top of R1 is internally
connected to the output, and the ground pin can be
connected to low side of the load. If R1 were con-
nected to the load, RP is multiplied by the divider
ratio, the effective resistance between the regulator
and the load would be:
An input capacitor of 10
µF or greater is
recommended. Tantalum, or aluminum electrolytic
capacitors can be used for bypassing. Larger Val-
ues will improve ripple rejection by bypassing the in-
put to the regulator.
VOUT = VREF(1+
)+IADJR2
R2
R1
Figure 1. Basic Adjustable Regulator
Figure 2. Connections for Best Load Regulation
Rp X (1+
), Rp = Parasitic Line Resistance
R2
R1


Similar Part No. - HPL1117V

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HPL1117V

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com