Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPL1117-50U Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HPL1117-50U
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HPL1117-50U Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HPL1117-50U Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL1117-50U Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL1117-50U Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL1117-50U Datasheet HTML 5Page - List of Unclassifed Manufacturers HPL1117-50U Datasheet HTML 6Page - List of Unclassifed Manufacturers HPL1117-50U Datasheet HTML 7Page - List of Unclassifed Manufacturers HPL1117-50U Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL1117-50U Datasheet HTML 9Page - List of Unclassifed Manufacturers HPL1117-50U Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Rev. B.13 - Mar., 2004
HPL1117
6
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
0
1
2
3
4
5
6
-20
30
80
130
180
-0.05
0
0.05
0.1
0.15
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-100
100
300
500
700
900
-0.03
-0.02
-0.01
0
0.01
0.02
.
Typical Characteristics
Time (
µS)
Load Transietn Response
Time (
µS)
Line Transient Response
CIN=10
µF
COUT=10
µF Tantalum
VIN=5V
CIN=10
µF
COUT=10
µF Tantalum
IOUT=0.1A
HPL1117-33
HPL1117-33
0
1
2
3
4
5
6
012
3456
789
HPL1117-33
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
0
0.2
0.4
0.6
0.8
1
Dropout Voltage vs. Output Current
Output Current (A)
Output Voltage vs. Input Voltage
Input Voltage (V)


Similar Part No. - HPL1117-50U

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HPL1117-50U

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com