Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPL1117-50G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HPL1117-50G
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HPL1117-50G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HPL1117-50G Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 5Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 6Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 7Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Rev. B.13 - Mar., 2004
HPL1117
2
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
Package Code
F : TO-220
G : TO-263
U : TO-252
V : SOT-223
Temp. Range
C : 0 to 70 C
Handling Code
TU : Tube
TR : Tape & Reel
Voltage Code
18 : 1.8V
25 : 2.5V
28 : 2.85V
33 : 3.3V
50 : 5V
Blank : Adjustable Version
Lead Free Code
L : Lead Free Device
Blank : Orginal Device
°
HPL1117-
Handling Code
Temp. Range
Package Code
Voltage Code
HPL1117
XXXXX25
XXXXX - Date Code
HPL1117-25V :
HPL1117
XXXXX33
XXXXX - Date Code
HPL1117-33V :
HPL1117 -33F/G/U : HPL1117
XXXXX
33
HPL1117-25F/G/U : HPL1117
XXXXX
25
HPL1117-18F/G/U :
HPL1117
XXXXX
- Date Code
XXXXX
18
HPL1117
XXXXX18
XXXXX - Date Code
HPL1117-18V :
HPL1117
XXXXX28
XXXXX - Date Code
HPL1117-28V :
HPL1117-28F/G/U : HPL1117
XXXXX
28
HPL1117 F/G/U :
HPL1117
XXXXX
- Date Code
XXXXX
HPL1117
XXXXX
XXXXX - Date Code
HPL1117 V :
- Date Code
XXXXX
- Date Code
XXXXX
- Date Code
XXXXX
Lead Free Code
HPL1117
XXXXX50
XXXXX - Date Code
HPL1117-50V :
HPL1117 -50F/G/U : HPL1117
XXXXX
50
- Date Code
XXXXX
Ordering and Marking Information
Pin Description (Cont.)
T AB I S V
OU T
OU T
1
2
3
AD J / G N D
IN
Front View for SOT-223


Similar Part No. - HPL1117-50G

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HPL1117-50G

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com