Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTX321U Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTX321U
Description  EPITAXIAL PLANAR PNP TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX321U Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTX321U Datasheet HTML 1Page - KEC(Korea Electronics) KTX321U Datasheet HTML 2Page - KEC(Korea Electronics) KTX321U Datasheet HTML 3Page - KEC(Korea Electronics) KTX321U Datasheet HTML 4Page - KEC(Korea Electronics) KTX321U Datasheet HTML 5Page - KEC(Korea Electronics) KTX321U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KTX321U
Revision No : 0
2003. 11. 20
2/6
Q1 ELECTRICAL CHARACTERISTICS (Ta=25 )
Q2 ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-15V, IE=0
-
-
-100
nA
Emitter Cut-off Current
IEBO
VEB=-6V, IC=0
-
-
-100
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10 A
-15
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA
-12
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10 A
-6
-
-
V
DC Current Gain
hFE
VCE=-2V, IC=-10mA
270
-
680
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-200mA, IB=-10mA
-
-100
-250
mV
Transition Frequency
fT
VCE=-2V, IC=-10mA, fT=100MHz
-
260
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
6.5
-
pF
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gate Leakage Current
IGSS
VGS= 20V, VDS=0V
-
-
1
A
Drain-Source Breakdown Voltage
V(BR)DSS
ID=100 A, VGS=0V
30
-
-
V
Drain Cut-off Current
IDSS
VDS=30V, VGS=0V
-
-
1
A
Gate Threshold Voltage
Vth
VDS=3V, ID=0.1mA
0.5
-
1.5
V
Forward Transfer Admittance
|Yfs|
VDS=3V, ID=10mA
25
-
-
mS
Drain-Source ON Resistance
RDS(ON)
ID=10mA, VGS=2.5V
-
4
7
Input Capacitance
Ciss
VDS=3V, VGS=0V, f=1MHz
-
8.5
-
pF
Reverse Transfer Capacitance
Crss
VDS=3V, VGS=0V, f=1MHz
-
3.3
-
pF
Output Capacitance
Coss
VDS=3V, VGS=0V, f=1MHz
-
9.3
-
pF
Switching Time
Turn-on Time
ton
VDD=5V, ID=10mA, VGS=0 5V
-
50
-
nS
Turn-off Time
toff
-
160
-
nS


Similar Part No. - KTX321U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX301 KEC-KTX301 Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX301E KEC-KTX301E Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX301U KEC-KTX301U Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX302U KEC-KTX302U Datasheet
406Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
KTX303U KEC-KTX303U Datasheet
403Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
More results

Similar Description - KTX321U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX421U KEC-KTX421U Datasheet
71Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com