Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V995PFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT5V995PFGI
Description  3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V995PFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT5V995PFGI Datasheet HTML 1Page - Integrated Device Technology IDT5V995PFGI Datasheet HTML 2Page - Integrated Device Technology IDT5V995PFGI Datasheet HTML 3Page - Integrated Device Technology IDT5V995PFGI Datasheet HTML 4Page - Integrated Device Technology IDT5V995PFGI Datasheet HTML 5Page - Integrated Device Technology IDT5V995PFGI Datasheet HTML 6Page - Integrated Device Technology IDT5V995PFGI Datasheet HTML 7Page - Integrated Device Technology IDT5V995PFGI Datasheet HTML 8Page - Integrated Device Technology IDT5V995PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
INDUSTRIALTEMPERATURERANGE
IDT5V995
3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK II
Output skew with respect to the REF input is adjustable to compensate
for PCB trace delays, backplane propagation delays or to accommodate
requirements for special timing relationships between clocked compo-
nents. Skew is selectable as a multiple of a time unit (tU) which ranges
from 625ps to 1.3ns (see Programmable Skew Range and Resolution
Table). There are nine skew configurations available for each output
pair. These configurations are chosen by the nF1:0 control pins. In order
to minimize the number of control pins, 3-level inputs (HIGH-MID-LOW)
are used, they are intended for but not restricted to hard-wiring. Undriven
3-level inputs default to the MID level. Where programmable skew is
not a requirement, the control pins can be left open for the zero skew
default setting. The Control Summary Table shows how to select specific
skew taps by using the nF1:0 control pins.
PROGRAMMABLESKEW
EXTERNALFEEDBACK
By providing external feedback, the IDT5V995 gives users flexibility
with regard to skew adjustment. The FB signal is compared with the
input REF signal at the phase detector in order to drive the VCO. Phase
differences cause the VCO of the PLL to adjust upwards or downwards
accordingly.
NOTES:
1. The device may be operated outside recommended frequency ranges without damage, but functional operation is not guaranteed.
2. The level to be set on FS is determined by the nominal operating frequency of the VCO and Time Unit Generator. The VCO frequency always appears at 1Q1:0, 2Q1:0, and the
higher outputs when they are operated in their undivided modes. The frequency appearing at the REF and FB inputs will be FNOM when the output connected to FB is undivided
and DS[1:0] = MM. The frequency of the REF and FB inputs will be FNOM /2 or FNOM /4 when the part is configured for frequency multiplication by using a divided output as the
FB input and setting DS[1:0] = MM. Using the DS[1:0] inputs allows a different method for frequency multiplication (see Divide Selection Table).
3. Skew adjustment range assumes that a zero skew output is used for feedback. If a skewed Q output is used for feedback, then adjustment range will be greater. For example
if a 4tU skewed output is used for feedback, all other outputs will be skewed –4tU in addition to whatever skew value is programmed for those outputs. ‘Max adjustment’ range
applies to output pairs 3 and 4 where ± 6tU skew adjustment is possible and at the lowest FNOM value.
An internal loop filter moderates the response of the VCO to the
phase detector. The loop filter transfer function has been chosen to
provide minimal jitter (or frequency variation) while still providing accu-
rate responses to input frequency changes.
FS = LOW
FS = MID
FS = HIGH
Comments
TimingUnitCalculation(tU)
1/(32 x FNOM)
1/(16 x FNOM)
1/(8 x FNOM)
VCO Frequency Range (FNOM)(1,2)
24 to 50MHz
48 to 100MHz
96 to 200MHz
SkewAdjustmentRange(3)
Max Adjustment:
±7.8125ns
±7.8125ns
±7.8125ns
ns
±67.5°
±135°
±270°
PhaseDegrees
±18.75%
±37.5%
±75%
% of Cycle Time
Example 1, FNOM = 25MHz
tU = 1.25ns
Example 2, FNOM = 37.5MHz
tU = 0.833ns
Example 3, FNOM = 50MHz
tU = 0.625ns
tU = 1.25ns
Example 4, FNOM = 75MHz
tU = 0.833ns
Example 5, FNOM = 100MHz
tU = 0.625ns
tU = 1.25ns
Example 6, FNOM = 150MHz
tU = 0.833ns
Example 7, FNOM = 200MHz
tU = 0.625ns
PROGRAMMABLE SKEW RANGE AND RESOLUTION TABLE


Similar Part No. - IDT5V995PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V9950PFI IDT-IDT5V9950PFI Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
More results

Similar Description - IDT5V995PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com