Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMN12816D-85I Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HMN12816D-85I
Description  Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMN12816D-85I Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HMN12816D-85I Datasheet HTML 1Page - List of Unclassifed Manufacturers HMN12816D-85I Datasheet HTML 2Page - List of Unclassifed Manufacturers HMN12816D-85I Datasheet HTML 3Page - List of Unclassifed Manufacturers HMN12816D-85I Datasheet HTML 4Page - List of Unclassifed Manufacturers HMN12816D-85I Datasheet HTML 5Page - List of Unclassifed Manufacturers HMN12816D-85I Datasheet HTML 6Page - List of Unclassifed Manufacturers HMN12816D-85I Datasheet HTML 7Page - List of Unclassifed Manufacturers HMN12816D-85I Datasheet HTML 8Page - List of Unclassifed Manufacturers HMN12816D-85I Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HANBit
HMN12816D
URL : www.hbe.co.kr
4
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
RECOMMENDED DC OPERATING CONDITIONS ( TA= TOPR )
PARAMETER
SYMBOL
MIN
TYPICAL
MAX
Supply Voltage
VCC
4.5V
5.0V
5.5V
Ground
VSS
0
0
0
Input high voltage
VIH
2.2
-
Vcc+0.3V
Input low voltage
VIL
-0.3
-
0.8V
NOTE: Typical values indicate operation at TA = 25℃
DC ELECTRICAL CHARACTERISTICS (TA= 0
OC to 70 OC )
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNIT
Input Leakage Current
IIL
-2.0
-
+2.0
mA
I/O Leakage Current
CE
³VIH£VCC
IIO
-1.0
-
+1.0
mA
Output Current @ 2.4V
IOH
-1.0
-
-
mA
Output Current @0.4V
IOL
2.0
-
-
mA
Standby Current
/CEU,/CEL=2.2V
ICCS1
-
10
20
mA
Standby Current
/CEU,/CEL=Vcc-0.5V
ICCS2
-
6
10
mA
Operating Current
ICCO1
-
170
mA
CAPACITANCE (TA=25℃ , f=1MHz, VCC=5.0V)
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
20
25
pF
Input/Output Capacitance
CI/O
5
10
pF


Similar Part No. - HMN12816D-85I

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN12816D-85I HANBIT-HMN12816D-85I Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
More results

Similar Description - HMN12816D-85I

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN12816D HANBIT-HMN12816D Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN4M8D HANBIT-HMN4M8D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DE DLGHANBIT-HMN2M8DE Datasheet
571Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DVB DLGHANBIT-HMN2M8DVB Datasheet
548Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com