Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMN12816D-70 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HMN12816D-70
Description  Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMN12816D-70 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HMN12816D-70 Datasheet HTML 1Page - List of Unclassifed Manufacturers HMN12816D-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers HMN12816D-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers HMN12816D-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers HMN12816D-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers HMN12816D-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers HMN12816D-70 Datasheet HTML 7Page - List of Unclassifed Manufacturers HMN12816D-70 Datasheet HTML 8Page - List of Unclassifed Manufacturers HMN12816D-70 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HANBit
HMN12816D
URL : www.hbe.co.kr
3
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
READ/WRITE FUNCTION
/OE
/WE
/CEL
/CEU
VCC CURRENT
DQ0-DQ7
DQ8-DQ15
CYCLE
PERFORMED
H
H
X
X
ICCO
High-Z
High-Z
Output Disabled
L
H
L
L
Output
Output
L
H
L
H
Output
High-Z
L
H
H
L
ICCO
High-Z
Output
Read Cycle
X
L
L
L
Input
Input
X
L
L
H
Input
High-Z
X
L
H
L
ICCO
High-Z
Input
Write Cycle
X
X
H
H
ICCS
High-Z
High-Z
Output Disabled
DATA RETENTION MODE
The HMN12816D provides full functional capability for VCC greater than 4.5 volts and write protects by 4.25volts. Data is
maintained in the absence of VCC without any additional support circuitry. The nonvolatile static RAMs constantly monitor
VCC. Should the supply volt-age decay, the NV SRAM’s automatically write protect themselves, all inputs become "don't
care," and all out-puts become high impedance. As VCC falls below approximately 3.0 volts, a power switching circuit
connects the lithium energy source to RAM to retain data. During power-up, when VCC rises above approximately 3.0 volts,
the power switching circuit connects external VCC to RAM and disconnects the lithium energy source.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
CONDITIONS
DC voltage applied on VCC relative to VSS
VCC
-0.3V to 7.0V
DC Voltage applied on any pin excluding VCC
relative to VSS
VT
-0.3V to 7.0V
VT≤ VCC+0.3
Operating temperature
TOPR
0 to 70
°C
Storage temperature
TSTG
-40
°C to 70°C
Temperature under bias
TBIAS
-10
°C to 70°C
Soldering temperature
TSOLDER
260
°C
For 10 second
NOTE: Permanent device damage may occur if Absolute Maximum Ratings are exceeded.
Functional operation
should be restricted to the Recommended DC Operating Conditions detailed in this data sheet.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.


Similar Part No. - HMN12816D-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN12816D-70 HANBIT-HMN12816D-70 Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN12816D-70I HANBIT-HMN12816D-70I Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
More results

Similar Description - HMN12816D-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN12816D HANBIT-HMN12816D Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN4M8D HANBIT-HMN4M8D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DE DLGHANBIT-HMN2M8DE Datasheet
571Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DVB DLGHANBIT-HMN2M8DVB Datasheet
548Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com