Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C038-20AC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C038-20AC
Description  32K/64K x 16/18 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C038-20AC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C038-20AC Datasheet HTML 1Page - Cypress Semiconductor CY7C038-20AC Datasheet HTML 2Page - Cypress Semiconductor CY7C038-20AC Datasheet HTML 3Page - Cypress Semiconductor CY7C038-20AC Datasheet HTML 4Page - Cypress Semiconductor CY7C038-20AC Datasheet HTML 5Page - Cypress Semiconductor CY7C038-20AC Datasheet HTML 6Page - Cypress Semiconductor CY7C038-20AC Datasheet HTML 7Page - Cypress Semiconductor CY7C038-20AC Datasheet HTML 8Page - Cypress Semiconductor CY7C038-20AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CY7C027/028
CY7C037/038
Document #: 38-06042 Rev. *A
Page 5 of 19
Note:
11. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3.
Electrical Characteristics Over the Operating Range
Symbol
Parameter
CY7C027/028
CY7C037/038
Unit
-12[1]
-15
-20
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
VOH
Output HIGH Voltage (VCC=Min.,
IOH= –4.0 mA)
2.4
2.4
2.4
V
VOL
Output LOW Voltage (VCC=Min.,
IOH= +4.0 mA)
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IOZ
Output Leakage Current
–10
10
–10
10
–10
10
µA
ICC
Operating Current
(VCC=Max, IOUT=0 mA)
Outputs Disabled
Com’l.
195
325
190
280
180
265
mA
Ind.[10]
305
290
mA
ISB1
Standby Current (Both
Ports TTL Level) CEL & CER
≥ V
IH, f=fMAX
Com’l.
55
75
50
70
45
65
mA
Ind.[10]
60
80
mA
ISB2
Standby Current (One Port
TTL Level) CEL | CER ≥ VIH,
f=fMAX
Com’l.
125
205
120
180
110
160
mA
Ind.[10]
125
175
mA
ISB3
Standby Current (Both
Ports CMOS Level) CEL &
CER ≥ VCC – 0.2V, f=0
Com’l.
0.05
0.5
0.05
0.5
0.05
0.5
mA
Ind.[10]
0.05
0.5
mA
ISB4
Standby Current (One Port
CMOS Level) CEL | CER
VIH, f=fMAX
[11]
Com’l.
115
185
110
160
100
140
mA
Ind.[10]
115
155
mA


Similar Part No. - CY7C038-20AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C038-20AC CYPRESS-CY7C038-20AC Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C038-20AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
   32K/64K x16/18 Synchronous Dual Port Static RAM
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com