Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29DS163DT120WAK Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29DS163DT120WAK
Description  16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS163DT120WAK Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29DS163DT120WAK Datasheet HTML 3Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 4Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 5Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 6Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 7Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 8Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 9Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 10Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Am29DS163D
7
ADV ANCE
I N FO RMAT I O N
CONNECTION DIAGRAMS
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory prod-
ucts in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compro-
mised if the package body is exposed to temperatures
above 150
°C for prolonged periods of time.
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
NC
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball FBGA
Top View, Balls Facing Down


Similar Part No. - AM29DS163DT120WAK

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29DS320G SPANSION-AM29DS320G Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EE SPANSION-AM29DS320GB120EE Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EEN SPANSION-AM29DS320GB120EEN Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EI SPANSION-AM29DS320GB120EI Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EIN SPANSION-AM29DS320GB120EIN Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - AM29DS163DT120WAK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29SL160C AMD-AM29SL160C Datasheet
1Mb / 52P
   16 Megabit CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
ATMEL Corporation
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
AT49SV802A ATMEL-AT49SV802A Datasheet
417Kb / 31P
   8-megabit 1.8-volt Only Flash Memory
logo
SPANSION
AM29DS32XG SPANSION-AM29DS32XG Datasheet
1,003Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D Datasheet
1,013Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DS320G SPANSION-AM29DS320G Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D_06 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A29DL16X AMICC-A29DL16X Datasheet
738Kb / 47P
   16 Megabit (2M x 8-Bit/1M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com