Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA4880JI-TUL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA4880JI-TUL
Description  STEREO 330 MW 8 OHM SPEAK DRIVER WITH MUTE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4880JI-TUL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA4880JI-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APA4880JI-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APA4880JI-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APA4880JI-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APA4880JI-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APA4880JI-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APA4880JI-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APA4880JI-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APA4880JI-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Jun., 2001
APA4880
www.anpec.com.tw
5
Typical Characteristics
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
500m
20m 30m
50m
80m
200m
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
300m
20m
30m
50m 70m 100m
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
200m
20m
30m
50m
70m
100m
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
300m
20m
30m
50m 70m 100m
V
DD=5V
RL=32
Av=-1
Output Power (W)
f=20kHz
f=20Hz
f=1kHz
V
DD=5V
RL=8
Av=-1
Output Power (W)
f=20kHz
f=20Hz
f=1kHz
V
DD=5V
RL=16
Av=-1
Output Power (W)
f=20kHz
f=20Hz
f=1kHz
Output Power (W)
f=20kHz
f=20Hz
f=1kHz
V
DD=3V
RL=8
Av=-1


Similar Part No. - APA4880JI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4800 ANPEC-APA4800 Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800JI-TR ANPEC-APA4800JI-TR Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800JI-TU ANPEC-APA4800JI-TU Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800KI-TR ANPEC-APA4800KI-TR Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800KI-TU ANPEC-APA4800KI-TU Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
More results

Similar Description - APA4880JI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4801 ANPEC-APA4801 Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
   Stereo Headphone Driver with Mute
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
   Class AB Stereo Headphone Driver with Mute
logo
Unisonic Technologies
3541 UTC-3541_09 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Texas Instruments
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com