Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4285V8-2.7A Datasheet(PDF) 7 Page - Xicor Inc.

Part # X4285V8-2.7A
Description  CPU Supervisor with 128K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4285V8-2.7A Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X4285V8-2.7A Datasheet HTML 3Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 4Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 5Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 6Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 7Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 8Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 9Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 10Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
X4283/85 – Preliminary Information
Characteristics subject to change without notice.
7 of 22
REV 1.17 11/27/00
www.xicor.com
Table 1. Write Protect Enable Bit and WP Pin Function
WP
WPEN
Memory Array not
Block Protected
Memory Array
Block Protected
Block Protect
Bits
WPEN Bit
Protection
LOW
X
Writes OK
Writes Blocked
Writes OK
Writes OK
Software
HIGH
0
Writes OK
Writes Blocked
Writes OK
Writes OK
Software
HIGH
1
Writes OK
Writes Blocked
Writes Blocked
Writes Blocked
Hardware
Writing to the Control Register
Changing any of the nonvolatile bits of the control reg-
ister requires the following steps:
– Write a 02H to the Control Register to set the Write
Enable Latch (WEL). This is a volatile operation, so
there is no delay after the write. (Operation preceded
by a start and ended with a stop).
– Write a 06H to the Control Register to set both the
Register Write Enable Latch (RWEL) and the WEL
bit. This is also a volatile cycle. The zeros in the data
byte are required. (Operation preceded by a start
and ended with a stop).
– Write a value to the Control Register that has all the
control bits set to the desired state. This can be repre-
sented as 0xys t 01r in binary, where xy are the WD
bits, and rst are the BP bits. (Operation preceded by a
start and ended with a stop). Since this is a nonvola-
tile write cycle it will take up to 10ms to complete. The
RWEL bit is reset by this cycle and the sequence must
be repeated to change the nonvolatile bits again. If bit
2 is set to ‘1’ in this third step (0xys t11r) then the
RWEL bit is set, but the WD1, WD0, BP2, BP1 and
BP0 bits remain unchanged. Writing a second byte to
the control register is not allowed. Doing so aborts the
write operation and returns a NACK.
– A read operation occurring between any of the previous
operations will not interrupt the register write operation.
– The RWEL bit cannot be reset without writing to the
nonvolatile control bits in the control register, power
cycling the device or attempting a write to a write
protected block.
To illustrate, a sequence of writes to the device consist-
ing of [02H, 06H, 02H] will reset all of the nonvolatile
bits in the Control Register to 0. A sequence of [02H,
06H, 06H] will leave the nonvolatile bits unchanged
and the RWEL bit remains set.
SERIAL INTERFACE
Serial Interface Conventions
The device supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto
the bus as a transmitter, and the receiving device as the
receiver. The device controlling the transfer is called the
master and the device being controlled is called the
slave. The master always initiates data transfers, and
provides the clock for both transmit and receive opera-
tions. Therefore, the devices in this family operate as
slaves in all applications.
Serial Clock and Data
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. See
Figure 5.
Figure 5. Valid Data Changes on the SDA Bus
SCL
SDA
Data Stable
Data Change
Data Stable


Similar Part No. - X4285V8-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4285V8-2.7A INTERSIL-X4285V8-2.7A Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4285V8-2.7A RENESAS-X4285V8-2.7A Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
More results

Similar Description - X4285V8-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com