Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29SL160CB-90 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29SL160CB-90
Description  16 Megabit CMOS 1.8 Volt-only Super Low Voltage Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL160CB-90 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29SL160CB-90 Datasheet HTML 5Page - Advanced Micro Devices AM29SL160CB-90 Datasheet HTML 6Page - Advanced Micro Devices AM29SL160CB-90 Datasheet HTML 7Page - Advanced Micro Devices AM29SL160CB-90 Datasheet HTML 8Page - Advanced Micro Devices AM29SL160CB-90 Datasheet HTML 9Page - Advanced Micro Devices AM29SL160CB-90 Datasheet HTML 10Page - Advanced Micro Devices AM29SL160CB-90 Datasheet HTML 11Page - Advanced Micro Devices AM29SL160CB-90 Datasheet HTML 12Page - Advanced Micro Devices AM29SL160CB-90 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
November 1, 2004
Am29SL160C
9
PIN CONFIGURATION
A0–A19
= 20 addresses
DQ0–DQ14 = 15 data inputs/outputs
DQ15/A-1 = DQ15 (data input/output, word mode),
A-1 (LSB address input, byte mode)
CE#
= Chip enable
OE#
= Output enable
WE#
= Write enable
WP#/ACC = Hardware write protect/acceleration
pin
RESET#
= Hardware reset pin, active low
BYTE#
= Selects 8-bit or 16-bit mode
RY/BY#
= Ready/Busy# output
VCC
= 1.8–2.2 V single power supply
VSS
= Device ground
NC
= Pin not connected internally
LOGIC SYMBOL
20
16 or 8
DQ0–DQ15
(A-1)
A0–A19
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#
WP#/ACC


Similar Part No. - AM29SL160CB-90

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29SL160CB-100EC AMD-AM29SL160CB-100EC Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL160CB-100ED AMD-AM29SL160CB-100ED Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL160CB-100EF AMD-AM29SL160CB-100EF Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL160CB-100EI AMD-AM29SL160CB-100EI Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL160CB-100WCC AMD-AM29SL160CB-100WCC Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
More results

Similar Description - AM29SL160CB-90

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DS163D AMD-AM29DS163D Datasheet
1Mb / 50P
   16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
ATMEL Corporation
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
AT49SV802A ATMEL-AT49SV802A Datasheet
417Kb / 31P
   8-megabit 1.8-volt Only Flash Memory
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
logo
Advanced Micro Devices
AM29SL160C AMD-AM29SL160C_07 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
AM29SL400D SPANSION-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Eon Silicon Solution In...
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
logo
Advanced Micro Devices
AM29SL800D AMD-AM29SL800D_07 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com