Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT2G08 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHCT2G08
Description  Dual 2-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT2G08 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHCT2G08 Datasheet HTML 1Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 2Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 3Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
9397 750 13735
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 18 October 2004
3 of 17
Philips Semiconductors
74AHC2G08; 74AHCT2G08
Dual 2-input AND gate
6.
Functional diagram
7.
Pinning information
7.1 Pinning
Fig 1.
Logic symbol.
Fig 2.
IEC logic symbol.
Fig 3.
Logic diagram (one gate).
mna724
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
mna725
7
&
&
2
1
3
6
5
mna221
A
B
Y
Fig 4.
Pin configuration TSSOP8 and
VSSOP8.
Fig 5.
Pin configuration XSON8.
08
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aab564
1
2
3
4
6
5
8
7
08
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aab565
36
27
18
45
Transparent top view


Similar Part No. - 74AHCT2G08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT2G08 NXP-74AHCT2G08 Datasheet
91Kb / 14P
   Dual 2-input AND gate
Rev. 03-12 January 2009
logo
Nexperia B.V. All right...
74AHCT2G08 NEXPERIA-74AHCT2G08 Datasheet
196Kb / 14P
   Dual 2-input AND gate
Rev. 6 - 21 March 2018
74AHCT2G08-Q100 NEXPERIA-74AHCT2G08-Q100 Datasheet
197Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT2G08DC NXP-74AHCT2G08DC Datasheet
91Kb / 14P
   Dual 2-input AND gate
Rev. 03-12 January 2009
logo
Nexperia B.V. All right...
74AHCT2G08DC NEXPERIA-74AHCT2G08DC Datasheet
196Kb / 14P
   Dual 2-input AND gate
Rev. 6 - 21 March 2018
More results

Similar Description - 74AHCT2G08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
   DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
   Dual 2-input AND gate
2002 Nov 15
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
   Dual 2-input AND gate
Rev. 08-9 June 2008
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
   Dual 2-Input AND Gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
   Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
   Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
logo
Toshiba Semiconductor
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
   DUAL 2-INPUT AND GATE
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
   DUAL 2-INPUT AND GATE
TC7WG08FK TOSHIBA-TC7WG08FK_09 Datasheet
185Kb / 7P
   Dual 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com