Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T40HFL10S05 Datasheet(PDF) 4 Page - International Rectifier

Part # T40HFL10S05
Description  FAST RECOVERY DIODES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T40HFL10S05 Datasheet(HTML) 4 Page - International Rectifier

  T40HFL10S05 Datasheet HTML 1Page - International Rectifier T40HFL10S05 Datasheet HTML 2Page - International Rectifier T40HFL10S05 Datasheet HTML 3Page - International Rectifier T40HFL10S05 Datasheet HTML 4Page - International Rectifier T40HFL10S05 Datasheet HTML 5Page - International Rectifier T40HFL10S05 Datasheet HTML 6Page - International Rectifier T40HFL10S05 Datasheet HTML 7Page - International Rectifier T40HFL10S05 Datasheet HTML 8Page - International Rectifier T40HFL10S05 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.irf.com
T..HFL Series
Bulletin I27107 rev. A 09/97
Device Code
2
1
5
T
40 HFL 100 S10
34
1
-
Module type
2
-
Current rating:
40 = 40A (avg)
70 = 70A (avg)
85 = 85A (avg)
3
-
Fast recovery diode
4
-
Voltage code : code x 10 = V
RRM
5
-
trr code:
S02 = 200ns
S05 = 500ns
S10 = 1000ns
Ordering Information Table
Outline Table
All dimensions in millimeters (inches)


Similar Part No. - T40HFL10S05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL10S05 VISHAY-T40HFL10S05 Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
T40HFL10S05 VISHAY-T40HFL10S05 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
More results

Similar Description - T40HFL10S05

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com