Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T85HFL60S02 Datasheet(PDF) 1 Page - International Rectifier

Part # T85HFL60S02
Description  FAST RECOVERY DIODES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T85HFL60S02 Datasheet(HTML) 1 Page - International Rectifier

  T85HFL60S02 Datasheet HTML 1Page - International Rectifier T85HFL60S02 Datasheet HTML 2Page - International Rectifier T85HFL60S02 Datasheet HTML 3Page - International Rectifier T85HFL60S02 Datasheet HTML 4Page - International Rectifier T85HFL60S02 Datasheet HTML 5Page - International Rectifier T85HFL60S02 Datasheet HTML 6Page - International Rectifier T85HFL60S02 Datasheet HTML 7Page - International Rectifier T85HFL60S02 Datasheet HTML 8Page - International Rectifier T85HFL60S02 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.irf.com
40 A
70 A
85 A
T..HFL SERIES
FAST RECOVERY DIODES
T-Modules
Bulletin I27107 rev. A 09/97
1
I
F(AV)
40
70
85
A
I
F(RMS)
63
110
133
A
I
FSM
50Hz
475
830
1300
A
60Hz
500
870
1370
A
I
2t
50Hz
1130
3460
8550
A
2s
60Hz
1030
3160
7810
A
2s
V
RRM
range
100 to 1000
V
t
rr
range
200 to 1000
ns
T
J
range
-40 to 125
oC
Parameters
T40HFL
T70HFL
T85HFL Units
This serie of T-module uses fast recovery power diodes in
a single diode configuration. The semiconductors are elec-
trically isolated from the metal base, allowing common
heatsink and compact assemblies to be built.
These single diode modules can be used in conjunction
with the thyristor modules as a freewheel diode. Applica-
tion includes self-commutated inverters, DC choppers,
motor control, inductive heating and electronic welders.
These modules are intended for those applications where
very fast recovery characteristics are required and for
general power switching applications.
Description
Features
Fast recovery time characteristics
Electrically isolated base plate
3500 V
RMS
isolating voltage
Standard JEDEC package
Simplified mechanical designs,
rapid assembly
Large creepage distances
UL E78996 approved
Major Ratings and Characteristics


Similar Part No. - T85HFL60S02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T85HFL60S02 VISHAY-T85HFL60S02 Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
T85HFL60S02 VISHAY-T85HFL60S02 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
More results

Similar Description - T85HFL60S02

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com