Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G04YEPR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUP1G04YEPR
Description  LOW POWER SINGLE INVERTER GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G04YEPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G04YEPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G04YEPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G04YEPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G04YEPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G04YEPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G04YEPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G04YEPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G04YEPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G04YEPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN74AUP1G04
LOW POWER SINGLE INVERTER GATE
SCES571A − JUNE 2004 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 10 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25 °C
TA = −40 °C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
17.7
1.2 V
± 0.1 V
3.9
6.9
12.2
3.1
15
tpd
A
Y
1.5 V
± 0.1 V
3
5
8.1
2.5
9.9
ns
tpd
A
Y
1.8 V
± 0.15 V
2.6
4
6.9
2.1
7.9
ns
2.5 V
± 0.2 V
2.1
3
4.6
1.7
5.6
3.3 V
± 0.3 V
1.8
2.5
3.8
1.5
4.5
switching characteristics over recommended operating free-air temperature range, CL = 15 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25 °C
TA = −40 °C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
19.5
1.2 V
± 0.1 V
4.7
7.8
13
3.8
15.9
tpd
A
Y
1.5 V
± 0.1 V
3.7
5.6
8.6
3.1
10.6
ns
tpd
A
Y
1.8 V
± 0.15 V
3.2
4.6
7.4
2.6
8.5
ns
2.5 V
± 0.2 V
2.5
3.5
5.1
2.1
6.1
3.3 V
± 0.3 V
2.2
2.9
4.2
1.9
5
switching characteristics over recommended operating free-air temperature range, CL = 30 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25 °C
TA = −40 °C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
25.4
1.2 V
± 0.1 V
6.8
10.4
16
6.1
19
tpd
A
Y
1.5 V
± 0.1 V
5.3
7.6
10.8
4.8
12.9
ns
tpd
A
Y
1.8 V
± 0.15 V
4.6
6.3
9.2
4.1
10.5
ns
2.5 V
± 0.2 V
3.6
4.8
6.5
3.3
7.6
3.3 V
± 0.3 V
3.2
4
5.4
2.9
6.2
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
3.9
1.2 V
± 0.1 V
3.9
Cpd
Power dissipation capacitance
f = 10 MHz
1.5 V
± 0.1 V
3.9
pF
Cpd
Power dissipation capacitance
f = 10 MHz
1.8 V
± 0.15 V
3.9
pF
2.5 V
± 0.2 V
3.9
3.3 V
± 0.3 V
4.1


Similar Part No. - SN74AUP1G04YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G04YFPR TI-SN74AUP1G04YFPR Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
SN74AUP1G04YFPR TI1-SN74AUP1G04YFPR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Inverter Gate
More results

Similar Description - SN74AUP1G04YEPR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
   Low power single inverter gate
logo
Texas Instruments
SN74AUP1G04 TI1-SN74AUP1G04_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Inverter Gate
SN74AUP1G04_101 TI-SN74AUP1G04_101 Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com