Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8411DB-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI8411DB-T1
Description  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8411DB-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI8411DB-T1 Datasheet HTML 1Page - Vishay Siliconix SI8411DB-T1 Datasheet HTML 2Page - Vishay Siliconix SI8411DB-T1 Datasheet HTML 3Page - Vishay Siliconix SI8411DB-T1 Datasheet HTML 4Page - Vishay Siliconix SI8411DB-T1 Datasheet HTML 5Page - Vishay Siliconix SI8411DB-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New MICRO FOOTr Chipscale Packaging
Reduces Footprint Area Profile (0.62 mm) and
On-Resistance Per Footprint Area
APPLICATIONS
D Load Switch
D Battery Switch
D Charger Switch
D PA Switch
Si8411DB
Vishay Siliconix
New Product
Document Number: 72444
S-32349—Rev. A, 17-Nov-03
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
−20
0.054 @ VGS = −4.5 V
−5.9
−20
0.075 @ VGS = −2.5 V
−5.0
MICRO FOOT
S
G
D
P-Channel MOSFET
32
41
S
DD
G
Bump Side View
Backside View
Device Marking: 8411
xxx = Date/Lot Traceability Code
8411
xxx
Ordering Information: Si8411DB-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
−20
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−5.9
−4.3
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−4.7
−3.4
A
Pulsed Drain Current
IDM
−25
A
continuous Source Current (Diode Conduction)a
IS
−2.5
−1.3
Maximum Power Dissipationa
TA = 25_C
PD
2.77
1.47
W
Maximum Power Dissipationa
TA = 70_C
PD
1.77
0.94
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
Package Reflow Conditionsb
VPR
215
_C
Package Reflow Conditionsb
IR/Convection
220
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
35
45
Maximum Junction-to-Ambienta
Steady State
RthJA
72
85
_C/W
Maximum Junction-to-Foot (drain)
Steady State
RthJF
16
20
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Refer to IPC/JEDEC (J-STD-020A), no manual or hand soldering.


Similar Part No. - SI8411DB-T1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8410 ETC2-SI8410 Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8410-A-IS SILABS-SI8410-A-IS Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
More results

Similar Description - SI8411DB-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com