Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN921260UJB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN921260UJB
Description  X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN921260UJB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  SCAN921260UJB Datasheet HTML 1Page - National Semiconductor (TI) SCAN921260UJB Datasheet HTML 2Page - National Semiconductor (TI) SCAN921260UJB Datasheet HTML 3Page - National Semiconductor (TI) SCAN921260UJB Datasheet HTML 4Page - National Semiconductor (TI) SCAN921260UJB Datasheet HTML 5Page - National Semiconductor (TI) SCAN921260UJB Datasheet HTML 6Page - National Semiconductor (TI) SCAN921260UJB Datasheet HTML 7Page - National Semiconductor (TI) SCAN921260UJB Datasheet HTML 8Page - National Semiconductor (TI) SCAN921260UJB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Electrical Characteristics Over recommended operating supply and temperature ranges unless otherwise
specified(Note 2) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Timing Requirements for REFCLK
t
RFCP
REFCLK Period
15.15
50
ns
t
RFDC
REFCLK Duty Cycle
40
50
60
%
t
RFCP/tTCP
Ratio of REFCLK to TCLK
0.95
1.05
t
RFTT
REFCLK Transition Time
8ns
Deserializer Switching Characteristics
t
RCP
RCLK Period
RCLK
15.15
50
ns
t
RDC
RCLK Duty Cycle
RCLK (Note 7)
45
50
55
%
t
CHTST
Period of Bus LVDS signal when
CHTST is selected by MUX
CHTST (Note 6)
25
ns
t
CLH
CMOS/TTL Low-to-High
Transition Time
C
L = 15pF
1.7
6
ns
t
CHL
CMOS/TTL High-to-Low
Transition Time
C
L = 15pF
1.6
6
ns
t
ROS
Rout Data Valid before RCLK
C
L = 15pF, Figure 2
0.35*t
RCP
ns
t
ROH
Rout Data Valid after RCLK
C
L = 15pF, Figure 2
-0.35*t
RCP
ns
t
HZR
High to TRI-STATE Delay
C
L = 15pF, Figure 7
12
ns
t
LZR
Low to TRI-STATE Delay
12
ns
t
ZHR
TRI-STATE to High Delay
12
ns
t
ZLR
TRI-STATE to Low Delay
12
ns
t
DD
Deserializer Delay
Figure 1
1.75*t
RCP
+3
1.75*t
RCP
+7
1.75*t
RCP
+10.5
ns
t
DSR1
Deserializer PLL LOCK Time
from PWRDN (with SYNCPAT)
Figure 3
(Note 4)
66Mhz
2
us
20Mhz
10
us
t
DSR2
Deserializer PLL Lock Time from
SYNCPAT
Figure 4
(Note 4)
66Mhz
1.5
us
20Mhz
5
us
t
RNMI-R
Ideal Strobe Window Right
66Mhz, Figure 10
+400
ps
t
RNMI-L
Ideal Strobe Window Left
66Mhz, Figure 10
-400
ps
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Typical values are given for Vcc = 3.3V and TA =25˚C
Note 3: Current into the device pins is defined as positive. Current out of device pins is defined as negative. Voltage are referenced to ground except VOD, VTH
and VTL which are differential voltages.
Note 4: For the purpose of specifying deserializer PLL performance tDSR1 and tDSR2 are specified with the REFCLK running and stable, and specific conditions of
the incoming data stream (SYNCPATs). tDSR1 is the time required for the deserializer to indicate lock upon power-up or when leaving the power-down mode. tDSR2
is the time required to indicate lock for the powered-up and enabled deserializer when the input (RI+ and RI−) conditions change from not receiving data to receiving
synchronization patterns (SYNCPATs). The time to lock to random data is dependent upon the incoming data.
Note 5: tRNM is a measure of how much phase noise (jitter)the deserializer can tolerate in the incoming data stream before bit errors occur. The Deserializer Noise
Margin is Guaranteed By Design (GBD) using statistical analysis.
Note 6: Because the Bus LVDS serial data stream is not decoded, the maximum frequency of the CHTST output driver could be exceeded if the data stream were
switched to CHTST. The maximum frequency of the BUS LVDS input should not exceed the parallel clock rate.
Note 7: Guaranteed By Design (GBD) using statistical analysis.
www.national.com
3


Similar Part No. - SCAN921260UJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN921260UJB/NOPB TI1-SCAN921260UJB/NOPB Datasheet
739Kb / 22P
[Old version datasheet]   SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
More results

Similar Description - SCAN921260UJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
[Old version datasheet]   SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
   30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN928028 NSC-SCAN928028 Datasheet
376Kb / 18P
   8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
[Old version datasheet]   SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
[Old version datasheet]   SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921821 NSC-SCAN921821 Datasheet
629Kb / 11P
   Dual 18-Bit Serializer with Pre-emphasis, IEEE 1149.1(JTAG), and At-Speed BIST
logo
Texas Instruments
SCAN928028 TI1-SCAN928028 Datasheet
641Kb / 23P
[Old version datasheet]   SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260_08 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN921025H NSC-SCAN921025H_05 Datasheet
903Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com