Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM39LV040-70VCE Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM39LV040-70VCE
Description  512 Kbit / 1Mbit / 2Mbit / 4Mbit 3.0 Volt-only CMOS Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39LV040-70VCE Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM39LV040-70VCE Datasheet HTML 7Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 8Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 9Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 10Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 11Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 12Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 13Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 14Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Programmable Microelectronics Corp.
Issue Date: December, 2003 Rev: 1.2
PMC
Pm39LV512 / Pm39LV010 / Pm39LV020 / Pm39LV040
11
SOFTWARE PRODUCT IDENTIFICATION EXIT
Load Data AAh
to
Address 555h
Load Data 55h
to
Address 2AAh
Load Data 90h
to
Address 555h
Enter Product
Identification
Mode (1,2)
Load Data AAh
to
Address 555h
Load Data 55h
to
Address 2AAh
Load Data F0h
to
Address 555h
Exit Product
Identification
Mode (3)
Load Data F0h
to
Address XXXh
Exit Product
Identification
Mode (3)
or
Chart 3. Software Product Identification Entry/Exit Flowchart
SOFTWARE PRODUCT IDENTIFICATION ENTRY
DEVICE OPERATIONS FLOWCHARTS (CONTINUED)
Notes:
1. The device will enter Product Identification mode after excuting the Product ID Entry command.
2. Under Product Identification mode, the Manufacturer ID and Device ID of devices can be read at address
X0000h and X0001h where X = Don’t Care.
3. The device returns to standby operation.


Similar Part No. - PM39LV040-70VCE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM390 ARTESYN-PM390 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390CE ARTESYN-PM390CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390K ARTESYN-PM390K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391 ARTESYN-PM391 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391CE ARTESYN-PM391CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM39LV040-70VCE

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
AMIC Technology
A25L020 AMICC-A25L020_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A25L512 AMICC-A25L512_15 Datasheet
559Kb / 43P
   2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com