Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM39LV512-70JC Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM39LV512-70JC
Description  512 Kbit / 1Mbit / 2Mbit / 4Mbit 3.0 Volt-only CMOS Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39LV512-70JC Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM39LV512-70JC Datasheet HTML 4Page - PMC-Sierra, Inc PM39LV512-70JC Datasheet HTML 5Page - PMC-Sierra, Inc PM39LV512-70JC Datasheet HTML 6Page - PMC-Sierra, Inc PM39LV512-70JC Datasheet HTML 7Page - PMC-Sierra, Inc PM39LV512-70JC Datasheet HTML 8Page - PMC-Sierra, Inc PM39LV512-70JC Datasheet HTML 9Page - PMC-Sierra, Inc PM39LV512-70JC Datasheet HTML 10Page - PMC-Sierra, Inc PM39LV512-70JC Datasheet HTML 11Page - PMC-Sierra, Inc PM39LV512-70JC Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Programmable Microelectronics Corp.
Issue Date: December, 2003 Rev: 1.2
PMC
Pm39LV512 / Pm39LV010 / Pm39LV020 / Pm39LV040
8
COMMAND DEFINITION
Table 3. Software Command Definition
d
n
a
m
m
o
C
e
c
n
e
u
q
e
S
s
u
B
e
l
c
y
C
s
u
B
t
s
1
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
d
n
2
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
d
r
3
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
h
t
4
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
h
t
5
e
c
l
y
C
a
t
a
D
r
d
d
A
s
u
B
h
t
6
e
l
c
y
C
a
t
a
D
r
d
d
A
d
a
e
R1
D
r
d
d
A
T
U
O
e
s
a
r
E
p
i
h
C6
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
8
h
5
5
5h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
1
h
5
5
5
e
s
a
r
E
r
o
t
c
e
S6
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
8
h
5
5
5h
A
A
h
5
5
5h
5
5
h
A
A
2A
S
)
1
(
h
0
3
e
s
a
r
E
k
c
o
l
B6
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
8
h
5
5
5h
A
A
h
5
5
5h
5
5
h
A
A
2A
B
)
2
(
h
0
5
m
a
r
g
o
r
P
e
t
y
B4
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
A
h
5
5
5D
r
d
d
A
N
I
y
r
t
n
E
D
I
t
c
u
d
o
r
P3
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
9
h
5
5
5
t
i
x
E
D
I
t
c
u
d
o
r
P
)
3
(
3h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
F
h
5
5
5
t
i
x
E
D
I
t
c
u
d
o
r
P
)
3
(
1h
0
F
h
X
X
X
Notes:
1. SA = Sector address of the sector to be erased.
2. BA = Block address of the block to be erased.
3. Either one of the Product ID Exit command can be used.
OPERATING MODES
Notes:
1. X can be VIL, VIH or addresses.
2. AMS = Most significant address;
AMS = A15 for Pm39LV512, A16 for Pm39LV010,
A17 for Pm39LV020, and A18 for Pm39LV040.
Table 2. Bus Operation Modes
e
d
o
M#
E
C#
E
O#
E
WS
S
E
R
D
D
AO
/
I
d
a
e
RV LI
V LI
V H
I
X )
1
(
D T
U
O
e
t
i
r
WV LI
V H
I
V LI
XD N
I
y
b
d
n
a
t
SV H
I
XX
X
Z
h
g
i
H
e
l
b
a
s
i
D
t
u
p
t
u
OX
V H
I
XX
Z
h
g
i
H
n
o
i
t
a
c
i
f
i
t
n
e
d
I
t
c
u
d
o
r
P
e
r
a
w
d
r
a
H
V LI
V LI
V H
I
A
-
2
A
S
M
)
2
(
==
9
A
,
X
VH
)
3
( ,
V
=
1
A
L
I
V
=
0
A
,
L
I
D
I
r
e
r
u
t
c
a
f
u
n
a
M
A
-
2
A
S
M
)
2
(
=
9
A
,
X
=
VH
)
3
( ,
V
=
1
A
L
I
V
=
0
A
,
H
I
D
I
e
c
i
v
e
D
3. VH = 12.0 V ± 0.5 V.


Similar Part No. - PM39LV512-70JC

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM390 ARTESYN-PM390 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390CE ARTESYN-PM390CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390K ARTESYN-PM390K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391 ARTESYN-PM391 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391CE ARTESYN-PM391CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM39LV512-70JC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
AMIC Technology
A25L020 AMICC-A25L020_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A25L512 AMICC-A25L512_15 Datasheet
559Kb / 43P
   2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com