Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1157FC2 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW1157FC2
Description  8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1157FC2 Datasheet(HTML) 5 Page - New Japan Radio

  NJW1157FC2 Datasheet HTML 1Page - New Japan Radio NJW1157FC2 Datasheet HTML 2Page - New Japan Radio NJW1157FC2 Datasheet HTML 3Page - New Japan Radio NJW1157FC2 Datasheet HTML 4Page - New Japan Radio NJW1157FC2 Datasheet HTML 5Page - New Japan Radio NJW1157FC2 Datasheet HTML 6Page - New Japan Radio NJW1157FC2 Datasheet HTML 7Page - New Japan Radio NJW1157FC2 Datasheet HTML 8Page - New Japan Radio NJW1157FC2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NJW1157
– 5 –
!
!
!
! TERMINAL DESCRIPTION
PIN
NO.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
TERMINAL
DC
VOLTAGE
1
2
LOUT
ROUT
Lch Output
Rch Output
0
3
4
5
6
7
8
COUT
LSOUT
RSOUT
LBOUT
RBOUT
SWOUT
Cch Output
LSch Output
RSch Output
LBch Output
RBch Output
SWch Output
0
9
13
DC_L1
DC_R1
Lch Bass filter DC cut capacitor output terminal
Rch Bass filter DC cut capacitor output terminal
0
10
14
DC_L2
DC_R2
Lch Bass filter DC cut capacitor input terminal
Rch Bass filter DC cut capacitor input terminal
0
V- (SUB)
V+
40
25K
10
V- (SUB)
V+
25K
10.25K
7K
V+
V- (SUB)
V- (SUB)
V+
34.2K


Similar Part No. - NJW1157FC2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1150M NJRC-NJW1150M Datasheet
217Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1151 NJRC-NJW1151 Datasheet
154Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1151M NJRC-NJW1151M Datasheet
154Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
More results

Similar Description - NJW1157FC2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1199 NJRC-NJW1199 Datasheet
55Kb / 4P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJU72340A NJRC-NJU72340A Datasheet
171Kb / 14P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
Renesas Technology Corp
M61522FP RENESAS-M61522FP Datasheet
230Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
List of Unclassifed Man...
REJ03F0034_M61522FP ETC-REJ03F0034_M61522FP Datasheet
229Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
New Japan Radio
NJW1191V-TE1 NJRC-NJW1191V-TE1 Datasheet
273Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
   6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1191 NJRC-NJW1191 Datasheet
268Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1195A NJRC-NJW1195A Datasheet
85Kb / 3P
   4-Channel Electronic Volume with Input Selector
NJW1156 NJRC-NJW1156 Datasheet
195Kb / 13P
   2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1195 NJRC-NJW1195 Datasheet
87Kb / 3P
   4-Channel Electronic Volume with Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com