Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2382 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2382
Description  SWITCHING REGULATOR CONTROL IC FOR FLYBACK WITH CURRENT SENSE AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2382 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2382 Datasheet HTML 1Page - New Japan Radio NJM2382 Datasheet HTML 2Page - New Japan Radio NJM2382 Datasheet HTML 3Page - New Japan Radio NJM2382 Datasheet HTML 4Page - New Japan Radio NJM2382 Datasheet HTML 5Page - New Japan Radio NJM2382 Datasheet HTML 6Page - New Japan Radio NJM2382 Datasheet HTML 7Page - New Japan Radio NJM2382 Datasheet HTML 8Page - New Japan Radio NJM2382 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJM2382
- 2 -
s
BLOCK DIAGRAM
1
VREF
CURRENT
SENSE AMP
V
+
ER·AMP
L.O
500Ω
U.V.LO
OSC
PWM
9
8
7
6
5
4
3
2
10
CS
CT
ON/OFF
REF
IN
-1
IN
-2
OUT
GND
F.B
0.52V
11
12
13
14
NC
NC
NC
NC
ON/OFF
“High” Active
(Package: DIP14, DMP14)
1
VREF
CURRENT
SENSE AMP
V
+
ER·AMP
L.O
500Ω
U.V.LO
OSC
PWM
9
8
7
6
5
4
3
2
10
CS
CT
IN
+
REF
IN
-1
IN
-2
OUT
GND
F.B
0.52V
(Package: SSOP10)


Similar Part No. - NJM2382

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380A NJRC-NJM2380A Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AD NJRC-NJM2380AD Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AE NJRC-NJM2380AE Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AF NJRC-NJM2380AF Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
More results

Similar Description - NJM2382

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2381 NJRC-NJM2381 Datasheet
119Kb / 8P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK WITH CURRENT SENSE AMPLIFIER
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
NJM2368 NJRC-NJM2368 Datasheet
312Kb / 8P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK
NJM2384 NJRC-NJM2384 Datasheet
94Kb / 7P
   DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
NJM2383 NJRC-NJM2383 Datasheet
123Kb / 7P
   DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7650 NJRC-NJU7650 Datasheet
171Kb / 9P
   Step-Down switching regulator IC with Constant Current Control
NJU7677 NJRC-NJU7677 Datasheet
131Kb / 9P
   1.8V Operate PWM control Step-Up / Flyback switching regulator IC
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com