Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NID9N05CL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NID9N05CL
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NID9N05CL Datasheet(HTML) 1 Page - ON Semiconductor

  NID9N05CL Datasheet HTML 1Page - ON Semiconductor NID9N05CL Datasheet HTML 2Page - ON Semiconductor NID9N05CL Datasheet HTML 3Page - ON Semiconductor NID9N05CL Datasheet HTML 4Page - ON Semiconductor NID9N05CL Datasheet HTML 5Page - ON Semiconductor NID9N05CL Datasheet HTML 6Page - ON Semiconductor NID9N05CL Datasheet HTML 7Page - ON Semiconductor NID9N05CL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 5
1
Publication Order Number:
NID9N05CL/D
NID9N05CL
Power MOSFET
9.0 A, 52 V, N−Channel, Logic Level,
Clamped MOSFET w/ ESD Protection
in a DPAK Package
Benefits
High Energy Capability for Inductive Loads
Low Switching Noise Generation
Features
Diode Clamp Between Gate and Source
ESD Protection − HBM 5000 V
Active Over−Voltage Gate to Drain Clamp
Scalable to Lower or Higher R
DS(on)
Internal Series Gate Resistance
Applications
Automotive and Industrial Markets:
Solenoid Drivers, Lamp Drivers, Small Motor Drivers
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage Internally Clamped
VDSS
52−59
V
Gate−to−Source Voltage − Continuous
VGS
±15
V
Drain Current − Continuous @ TA = 25°C
Drain Current − Single Pulse (tp = 10 ms)
ID
IDM
9.0
35
A
Total Power Dissipation @ TA = 25°C
PD
28.8
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to
175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 125°C
(VDD = 50 V, ID(pk) = 1.5 A, VGS = 10 V,
RG = 25 W)
EAS
160
mJ
Thermal Resistance − Junction−to−Case
− Junction−to−Ambient (Note 1)
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
5.2
72
100
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from Case for 10 s
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. When surface mounted to an FR4 board using 1
″ pad size, (Cu area 1.127 in2)
2. When surface mounted to an FR4 board using minimum recommended pad
size, (Cu area 0.412 in2)
Device
Package
Shipping
ORDERING INFORMATION
NID9N05CLT4
DPAK
2500/Tape & Reel
DPAK
CASE 369C
STYLE 2
MPWR
Drain
(Pins 2, 4)
Source
(Pin 3)
Gate
(Pin 1)
MARKING
DIAGRAM
D9N05CL
= Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
RG
Overvoltage
Protection
ESD Protection
http://onsemi.com
1
= Gate
2
= Drain
3
= Source
4
= Drain
1
2
3
4
NID9N05CL
DPAK
75 Units/Rail
AYWW
D9N05CL
VDSS
(Clamped)
RDS(ON) TYP
ID MAX
(Limited)
52 V
90 m
9.0 A
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - NID9N05CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NID9N05CL ONSEMI-NID9N05CL Datasheet
76Kb / 7P
   Power MOSFET
April, 2006 ??Rev. 7
NID9N05CL ONSEMI-NID9N05CL Datasheet
123Kb / 7P
   9.0 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
December, 2013 ??Rev. 10
NID9N05CLG ONSEMI-NID9N05CLG Datasheet
76Kb / 7P
   Power MOSFET
April, 2006 ??Rev. 7
NID9N05CLG ONSEMI-NID9N05CLG Datasheet
123Kb / 7P
   9.0 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
December, 2013 ??Rev. 10
logo
VBsemi Electronics Co.,...
NID9N05CLG VBSEMI-NID9N05CLG Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NID9N05CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com