Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2030M04 Datasheet(PDF) 4 Page - NEC

Part # NESG2030M04
Description  NPN SiGe HIGH FREQUENCY TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG2030M04 Datasheet(HTML) 4 Page - NEC

  NESG2030M04 Datasheet HTML 1Page - NEC NESG2030M04 Datasheet HTML 2Page - NEC NESG2030M04 Datasheet HTML 3Page - NEC NESG2030M04 Datasheet HTML 4Page - NEC NESG2030M04 Datasheet HTML 5Page - NEC NESG2030M04 Datasheet HTML 6Page - NEC NESG2030M04 Datasheet HTML 7Page - NEC NESG2030M04 Datasheet HTML 8Page - NEC NESG2030M04 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NESG2030M04
Collector Current, IC (mA)
NOISE FIGURE AND ASSOCIATED
GAIN vs. COLLECTOR CURRENT
Collector Current, IC (mA)
Collector Current, lC (mA)
NOISE FIGURE AND ASSOCIATED
GAIN vs. COLLECTOR CURRENT
NOISE FIGURE AND ASSOCIATED
GAIN vs. COLLECTOR CURRENT
5
4
3
2
1
0
110
100
0
5
10
15
20
25
VCE = 2 V
f = 3 GHz
Ga
NF
5
4
3
2
1
0
110
100
0
5
10
15
20
25
VCE = 2 V
f = 4 GHz
Ga
NF
5
4
3
2
1
0
110
100
0
5
10
15
20
25
VCE = 2 V
f = 5 GHz
Ga
NF
Collector Current, IC (mA)
Collector Current, lC (mA)
NOISE FIGURE AND ASSOCIATED
GAIN vs. COLLECTOR CURRENT
NOISE FIGURE AND ASSOCIATED
GAIN vs. COLLECTOR CURRENT
5
4
3
2
1
0
110
100
0
5
10
15
20
25
VCE = 2 V
f = 2 GHz
Ga
NF
5
4
3
2
1
0
110
100
0
5
10
15
20
25
VCE = 2 V
f = 2.5 GHz
Ga
NF


Similar Part No. - NESG2030M04

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
13Kb / 1P
   NONLINEAR MODEL
logo
California Eastern Labs
NESG2030M04 CEL-NESG2030M04 Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2030M04-A CEL-NESG2030M04-A Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2030M04-T2 CEL-NESG2030M04-T2 Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2030M04-T2-A CEL-NESG2030M04-T2-A Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NESG2030M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG2031M05 CEL-NESG2031M05 Datasheet
790Kb / 13P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2101M05 CEL-NESG2101M05 Datasheet
580Kb / 15P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG3031M14 CEL-NESG3031M14 Datasheet
551Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2030M04 CEL-NESG2030M04 Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2101M16 CEL-NESG2101M16 Datasheet
227Kb / 3P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com